Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 8Page - Cypress Semiconductor PSOC4100 Datasheet HTML 9Page - Cypress Semiconductor PSOC4100 Datasheet HTML 10Page - Cypress Semiconductor PSOC4100 Datasheet HTML 11Page - Cypress Semiconductor PSOC4100 Datasheet HTML 12Page - Cypress Semiconductor PSOC4100 Datasheet HTML 13Page - Cypress Semiconductor PSOC4100 Datasheet HTML 14Page - Cypress Semiconductor PSOC4100 Datasheet HTML 15Page - Cypress Semiconductor PSOC4100 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 12 of 37
Electrical Specifications
Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings[1]
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID1
VDDD_ABS
Digital supply relative to VSSD
–0.5
–
6
V
Absolute max
SID2
VCCD_ABS
Direct digital core voltage input relative
to VSSD
–0.5
–
1.95
V
Absolute max
SID3
VGPIO_ABS
GPIO voltage
–0.5
–
VDD+0.5
V
Absolute max
SID4
IGPIO_ABS
Maximum current per GPIO
–25
–
25
mA
Absolute max
SID5
IGPIO_injection
GPIO injection current, Max for VIH >
VDDD, and Min for VIL < VSS
–0.5
–
0.5
mA
Absolute max, current
injected per pin
BID44
ESD_HBM
Electrostatic discharge human body
model
2200
–
–
V
BID45
ESD_CDM
Electrostatic discharge charged device
model
500
–
–
V
BID46
LU
Pin current for latch-up
–200
–
200
mA
Note
1. Usage above the absolute maximum conditions listed in Table 2 may cause permanent damage to the device. Exposure to absolute maximum conditions for extended
periods of time may affect device reliability. The maximum storage temperature is 150 °C in compliance with JEDEC Standard JESD22-A103, High Temperature
Storage Life. When used below absolute maximum conditions but above normal operating conditions, the device may not operate to specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com