Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 16Page - Cypress Semiconductor PSOC4100 Datasheet HTML 17Page - Cypress Semiconductor PSOC4100 Datasheet HTML 18Page - Cypress Semiconductor PSOC4100 Datasheet HTML 19Page - Cypress Semiconductor PSOC4100 Datasheet HTML 20Page - Cypress Semiconductor PSOC4100 Datasheet HTML 21Page - Cypress Semiconductor PSOC4100 Datasheet HTML 22Page - Cypress Semiconductor PSOC4100 Datasheet HTML 23Page - Cypress Semiconductor PSOC4100 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 20 of 37
Table 13. SAR ADC AC Specifications (Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID106
A_PSRR
Power supply rejection ratio
70
–
–
dB
SID107
A_CMRR
Common mode rejection ratio
66
–
–
dB
Measured at 1 V
SID108
A_SAMP_1
Sample rate with external reference
bypass cap
––
1
Msps
SID108A
A_SAMP_2
Sample rate with no bypass cap.
Reference = VDD
––
806
Ksps
SID108B
A_SAMP_3
Sample rate with no bypass cap. Internal
reference
––
100
Ksps
SID109
A_SNDR
Signal-to-noise and distortion ratio
(SINAD)
65
–
–
dB
FIN = 10 kHz
SID111
A_INL
Integral non linearity
–1.7
–
+2
LSB
VDD = 1.71 to 5.5, 806
Ksps, Vref = 1 to 5.5.
–40 °C ≤ TA ≤ 85 °C
–1.9
–
+2
LSB
VDD = 1.71 to 5.5, 806
Ksps, Vref = 1 to 5.5.
–40 °C ≤ TA ≤ 105 °C
SID111A
A_INL
Integral non linearity
–1.5
–
+1.7
LSB
VDDD = 1.71 to 3.6,
806 Ksps, Vref = 1.71
to VDDD. –40 °C ≤ TA
≤
85 °C
–1.9
–
+2
LSB
VDDD = 1.71 to 3.6,
806 Ksps, Vref = 1.71
to VDDD. –40 °C ≤ TA
≤
105 °C
SID111B
A_INL
Integral non linearity
–1.5
–
+1.7
LSB
VDDD = 1.71 to 5.5,
500 Ksps, Vref = 1 to
5.5.
SID112
A_DNL
Differential non linearity
–1
–
+2.2
LSB
VDDD = 1.71 to 5.5,
806 Ksps, Vref = 1 to
5.5. –40 °C ≤ TA ≤
85 °C
–1
–
+2.3
LSB
VDDD = 1.71 to 5.5,
806 Ksps, Vref = 1 to
5.5. –40 °C ≤ TA ≤
105 °C
SID112A
A_DNL
Differential non linearity
–1
–
+2
LSB
VDDD = 1.71 to 3.6,
806 Ksps, Vref = 1.71
to VDDD. –40 °C ≤ TA
≤
85 °C
–1
–
+2.2
LSB
VDDD = 1.71 to 3.6,
806 Ksps, Vref = 1.71
to VDDD. –40 °C ≤ TA
≤
105 °C
SID112B
A_DNL
Differential non linearity
–1
–
+2.2
LSB
VDDD = 1.71 to 5.5,
500 Ksps, Vref = 1 to
5.5.
SID113
A_THD
Total harmonic distortion
–
–
–65
dB
FIN = 10 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com