Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 10Page - Cypress Semiconductor PSOC4100 Datasheet HTML 11Page - Cypress Semiconductor PSOC4100 Datasheet HTML 12Page - Cypress Semiconductor PSOC4100 Datasheet HTML 13Page - Cypress Semiconductor PSOC4100 Datasheet HTML 14Page - Cypress Semiconductor PSOC4100 Datasheet HTML 15Page - Cypress Semiconductor PSOC4100 Datasheet HTML 16Page - Cypress Semiconductor PSOC4100 Datasheet HTML 17Page - Cypress Semiconductor PSOC4100 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 14 of 37
Hibernate Mode, VDD = 1.8 V to 3.6 V (Regulator on)
SID40
IDD35
GPIO & Reset active
–
150
–
nA
T = 25 °C
SID41
IDD36
GPIO & Reset active
–
–
1000
nA
T = 85 °C
Hibernate Mode, VDD = 3.6 V to 5.5 V
SID43
IDD38
GPIO & Reset active
–
150
–
nA
T = 25 °C
Hibernate Mode, VDD = 1.71 V to 1.89 V (Regulator bypassed)
SID46
IDD41
GPIO & Reset active
–
150
–
nA
T = 25 °C
SID47
IDD42
GPIO & Reset active
–
–
1000
nA
T = 85 °C
Hibernate Mode, +105 °C
SID42Q
IDD37Q
Regulator Off
–
–
19.4
µA
VDD = 1.71 V to 1.89 V
SID43Q
IDD38Q
––
17
µA
VDD = 1.8 V to 3.6 V
SID44Q
IDD39Q
––
16
µA
VDD = 3.6 V to 5.5 V
Stop Mode
SID304
IDD43A
Stop Mode current; VDD = 3.3 V
–
20
80
nA
Typ at 25 °C.
Max at 85 °C
Stop Mode current; VDD = 5.5 V
–
20
750
nA
Typ at 25 °C
Max at 85 °C
Stop Mode, +105 °C
SID304Q
IDD43AQ
Stop Mode current; VDD = 3.6 V
–
–
5645
nA
XRES current
SID307
IDD_XR
Supply current while XRES asserted
–
2
5
mA
Table 3. DC Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com