Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT48CU80 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
HT48RU80/HT48CU80
Rev. 1.00
8
April 12, 2006
8192
´16 bits´2 banks, addressed by the Program
Counter and table pointer.
The BP register bit5 is used to select the ROM bank.
When the BP
¢s bit5=0, the ROM bank 0 ranges from
0000H to 1FFFH. When the BP
¢s bit5=1, the ROM
bank1 ranges from 2000H to 3FFFH.
The
²CALL² and ²JMP² instruction provide only 13 bits
of address to allow branching within any 8K program
memory bank. When doing a
²CALL² or ²JMP² instruc-
tion, the upper 1 bit of the address is provided by BP5.
When doing a
²CALL² or ²JMP² instruction, user must
ensure that the bank select bit is programmed so that
the desired program memory bank is addressed. If a re-
turn from
²CALL² instruction (or interrupt) is executed,
the entire 14-bit Program Counter is popped off the
stack.
Certain locations in the program memory are reserved
for special usage:
· Location 000H
This area is reserved for program initialization. After a
chip reset, the program always begins execution at lo-
cation 000H.
· Location 004H
This area is reserved for the external interrupt 0 ser-
vice program. If the INT0 interrupt pin is activated, the
interrupt enabled and the stack is not full, the program
begins execution at location 004H.
· Location 008H
This area is reserved for the Timer/Event Counter 0 in-
terrupt service program. If a timer interrupt results from a
Timer/Event Counter 0 overflow, and if the interrupt is
enabled and the stack is not full, the program begins ex-
ecution at location 008H.
· Location 00CH
This location is reserved for the Timer/Event Counter
1 interrupt service program. If a timer interrupt results
from a Timer/Event Counter 1 overflow, and the inter-
rupt is enabled and the stack is not full, the program
begins execution at location 00CH.
· Location 010H
This area is reserved for the external interrupt 1 ser-
vice program. If the INT1 interrupt pin is activated, the
interrupt enabled and the stack is not full, the program
begins execution at location 010H.
· Location 014H
This area is reserved for the UART interrupt service
program. If a UART interrupt results from a UART TX
or RX, and the interrupt is enabled and the stack is not
full, the program begins execution at location 014H.
· Location 018H
This location is reserved for the Timer/Event Counter
2 interrupt service program. If a timer interrupt results
from a Timer/Event Counter 2 overflow, and the inter-
rupt is enabled and the stack is not full, the program
begins execution at location 018H.
· Table location
Any location in the program memory can be used as
look-up tables. The instructions
²TABRDC [m]² (the
current page, one page=256 words) and
²TABRDL
[m]
² (the last page) transfer the contents of the
lower-order byte to the specified data memory, and
the higher-order byte to TBLH (08H). The Table
n 0 0 H
P r o g r a m
M e m o r y
1 6 b i t s
N o t e : n r a n g e s f r o m 0 t o 3 F
0 0 C H
0 1 0 H
0 0 8 H
0 0 4 H
0 0 0 H
D e v i c e I n i t i a l i z a t i o n P r o g r a m
E x t e r n a l I n t e r r u p t 0 S u b r o u t i n e
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t S u b r o u t i n e
U A R T I n t e r r u p t S u b r o u t i n e
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t S u b r o u t i n e
L o o k - u p T a b l e ( 2 5 6 w o r d s )
L o o k - u p T a b l e ( 2 5 6 w o r d s )
E x t e r n a l I n t e r r u p t 1 S u b r o u t i n e
T i m e r / E v e n t C o u n t e r 2
I n t e r r u p t S u b r o u t i n e
0 1 4 H
n F F H
1 F 0 0 H
1 F F F H
2 0 0 0 H
3 F F F H
0 1 8 H
Program Memory
Instruction
Table Location
*13
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P13
P12
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
111111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note: *13~*0: Table location bits
P13~P8: Current program counter bits
@7~@0: Table pointer bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com