Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT48CU80 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
HT48RU80/HT48CU80
Rev. 1.00
24
April 12, 2006
¨ NF
The NF flag is the noise flag. When this read only
flag is
²0² it indicates a no noise condition. When
the flag is
²1² it indicates that the UART has de-
tected noise on the receiver input. The NF flag is set
during the same cycle as the RXIF flag but will not
be set in the case of an overrun. The NF flag can be
cleared by a software sequence which will involve a
read to the USR status register, followed by an ac-
cess to the RXR data register.
¨ PERR
The PERR flag is the parity error flag. When this
read only flag is
²0² it indicates that a parity error
has not been detected. When the flag is
²1² it indi-
cates that the parity of the received word is incor-
rect. This error flag is applicable only if Parity mode
(odd or even) is selected. The flag can also be
cleared by a software sequence which involves a
read to the USR status register, followed by an ac-
cess to the RXR data register.
· UCR1 register
The UCR1 register together with the UCR2 register
are the two UART control registers that are used to set
the various options for the UART function, such as
overall on/off control, parity control, data transfer bit
length etc.
Further explanation on each of the bits is given below:
¨ TX8
This bit is only used if 9-bit data transfers are used,
in which case this bit location will store the 9th bit of
the transmitted data, known as TX8. The BNO bit is
used to determine whether data transfers are in
8-bit or 9-bit format.
¨ RX8
This bit is only used if 9-bit data transfers are used,
in which case this bit location will store the 9th bit of
the received data, known as RX8. The BNO bit is
used to determine whether data transfers are in
8-bit or 9-bit format.
U S R R e g i s t e r
b 7
R I D L E
O E R R
N F
P E R R
b 0
R X I F
T I D L E
T X I F
T r a n s m i t d a t a r e g i s t e r e m p t y
1 : c h a r a c t e r t r a n s f e r r e d t o t r a n s m i t s h i f t r e g i s t e r
0 : c h a r a c t e r n o t t r a n s f e r r e d t o t r a n s m i t s h i f t r e g i s t e r
T r a n s m i s s i o n i d l e
1 : n o t r a n s m i s s i o n i n p r o g r e s s
0 : t r a n s m i s s i o n i n p r o g r e s s
R e c e i v e R X R r e g i s t e r s t a t u s
1 : R X R r e g i s t e r h a s a v a i l a b l e d a t a
0 : R X R r e g i s t e r i s e m p t y
R e c e i v e r s t a t u s
1 : r e c e i v e r i s i d l e
0 : d a t a b e i n g r e c e i v e d
O v e r r u n e r r o r
1 : o v e r r u n e r r o r d e t e c t e d
0 : n o o v e r r u n e r r o r d e t e c t e d
F r a m i n g e r r o r f l a g
1 : f r a m i n g e r r o r d e t e c t e d
0 : n o f r a m i n g e r r o r
N o i s e f l a g
1 : n o i s e d e t e c t e d
0 : n o n o i s e d e t e c t e d
P a r i t y e r r o r f l a g
1 : p a r i t y e r r o r d e t e c t e d
0 : n o p a r i t y e r r o r d e t e c t e d
F E R R
U C R 1 R e g i s t e r
b 7
S T O P S
P R T
B N O
U A R T E N
b 0
T X B R K
R X 8
T X 8
T r a n s m i t d a t a b i t 8 ( w r i t e o n l y )
R e c e i v e d a t a b i t 8 ( r e a d o n l y )
T r a n s m i t b r e a k c h a r a c t e r
1 : t r a n s m i t b r e a k c h a r a c t e r s
0 : n o b r e a k c h a r a c t e r s
D e f i n e s t h e n u m b e r o f s t o p b i t s
1 : t w o s t o p b i t s
0 : o n e s t o p b i t
P a r i t y t y p e b i t
1 : o d d p a r i t y f o r p a r i t y g e n e r a t o r
0 : e v e n p a r i t y f o r p a r i t y g e n e r a t o r
P a r i t y e n a b l e b i t
1 : p a r i t y f u n c t i o n e n a b l e d
0 : p a r i t y f u n c t i o n d i s a b l e d
N u m b e r o f d a t a t r a n s f e r b i t s
1 : 9 - b i t d a t a t r a n s f e r
0 : 8 - b i t d a t a t r a n s f e r
U A R T e n a b l e b i t
1 : e n a b l e U A R T , T X & R X p i n s a s U A R T p i n s
0 : d i s a b l e U A R T , T X & R X p i n s a s I / O p o r t p i n s
P R E N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com