Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT48CU80 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
HT48RU80/HT48CU80
Rev. 1.00
19
April 12, 2006
T 0 M 1
T 0 M 0
T M R 0
T 0 E
T 0 M 1
T 0 M 0
T 0 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
1 6 B i t s
T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
f S Y S / 4
M
U
X
f R T C
O p t i o n
1 6 B i t s
T i m e r / E v e n t C o u n t e r
( T M R 0 )
L o w B y t e
B u f f e r
B Z
B Z
¸ 2
Timer/Event Counter 0
T 1 M 1
T 1 M 0
T M R 1
T 1 E
T 1 M 1
T 1 M 0
T 1 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
1 6 B i t s
T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
f S Y S / 4
M
U
X
f R T C
O p t i o n
1 6 B i t s
T i m e r / E v e n t C o u n t e r
( T M R 1 )
L o w B y t e
B u f f e r
O v e r f l o w
t o I n t e r r u p t
B Z
B Z
¸ 2
Timer/Event Counter 1
T 2 M 1
T 2 M 0
T M R 2
T 2 E
T 2 M 1
T 2 M 0
T 2 O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
8 B i t s
T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
f S Y S
M
U
X
f R T C
8 B i t s
T i m e r / E v e n t C o u n t e r
( T M R 2 )
8 - s t a g e P r e s c a l e r
8 - 1 M U X
f S
f I N T
( 1 / 2 ~ 1 / 2 5 6 )
T 2 P S C 2 ~ T 2 P S C 0
Timer/Event Counter 2
cording to the transient edges. In the case of counter
overflows, the Counter 0/1/2 is reloaded from the
Timer/Event Counter 0/1/2 preload register and issues
the interrupt request just like the other two modes. To
enable the counting operation, the timer ON bit (T0ON:
bit 4 of the TMR0C; T1ON: bit 4 of the TMR1C; T2ON:
bit 4 of the TMR2C) should be set to 1.
In the pulse width measurement mode, the T0ON/
T1ON/T2ON will be cleared automatically after the mea-
surement cycle is completed. But in the other two
modes the T0ON/T1ON/T2ON can only be reset by in-
structions. The overflow of the Timer/Event Counter 0/1/
2 is one of the wake-up sources. No matter what the op-
eration mode is, writinga0to ET0I/ET1I/ET2I can dis-
able the corresponding interrupt services. In the case of
Timer/Event Counter 0/1/2 OFF condition, writing data
to the Timer/Event Counter 0/1/2 preload register will
also reload that data to the Timer/Event Counter 0/1/2.
But if the Timer/Event Counter 0/1/2 is turned on, data
written to it will only be kept in the Timer/Event Counter
0/1/2 preload register. The Timer/Event Counter 0/1/2
will still operate until overflow occurs (a Timer/Event
Counter 0/1/2 reloading will occur at the same time).
When the Timer/Event Counter 0/1/2 (reading
TMR0/TMR1/TMR2) is read, the clock will be blocked to
avoid errors. As clock blocking may results in a counting
error, this must be taken into consideration by the pro-
grammer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com