Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT48CU80 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Options
The following table shows all kinds of options in this microcontroller. All of the options must be defined to ensure having
proper functioning system.
No.
Options
1
WDT clock source: WDT oscillator or fSYS/4 or RTC oscillator or disable
2
CLRWDT instructions: 1 or 2 instructions
3
Timer/Event Counter 0 clock sources: fSYS/4 or RTCOSC
4
Timer/Event Counter 1 clock sources: fSYS/4 or RTCOSC
5
PA bit wake-up enable or disable
6
PA CMOS or Schmitt input
7
PA, PB, PC, PD, PE, PF, PG pull-high enable or disable (by port)
8
System oscillator
Ext. RC, Ext. crystal, Int. RC+RTC
9
Buzzer output enable: enabled or disabled
10
Buzzer clock selection: TMR0 or TMR1
11
Int. RC frequency selection: 3.2MHz, 1.6MHz, 800kHz or 400kHz
12
LVR enable or disable
HT48RU80/HT48CU80
Rev. 1.00
33
April 12, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com