Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT48CU80 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
HT48RU80/HT48CU80
Rev. 1.00
27
April 12, 2006
The following tables show actual values of baud rate and error values for the two values of BRGH.
Baud
Rate
K/BPS
Baud Rates for BRGH=0
fSYS=8MHz
fSYS=7.159MHz
fSYS=4MHz
fSYS=3.579545MHz
BRG
Kbaud
Error
BRG
Kbaud
Error
BRG
Kbaud
Error
BRG
Kbaud
Error
0.3
¾¾¾¾¾¾
207
0.300
0.00
185
0.300
0.00
1.2
103
1.202
0.16
92
1.203
0.23
51
1.202
0.16
46
1.19
-0.83
2.4
51
2.404
0.16
46
2.38
-0.83
25
2.404
0.16
22
2.432
1.32
4.8
25
4.807
0.16
22
4.863
1.32
12
4.808
0.16
11
4.661
-2.9
9.6
12
9.615
0.16
11
9.322
-2.9
6
8.929
-6.99
5
9.321
-2.9
19.2
6
17.857
-6.99
5
18.64
-2.9
2
20.83
8.51
2
18.643
-2.9
38.4
2
41.667
8.51
2
37.29
-2.9
1
¾¾
1
¾¾
57.6
1
62.5
8.51
1
55.93
-2.9
0
62.5
8.51
0
55.93
-2.9
115.2
0
125
8.51
0
111.86
-2.9
¾¾¾¾¾¾
Baud Rates and Error Values for BRGH
= 0
Baud
Rate
K/BPS
Baud Rates for BRGH=1
fSYS=8MHz
fSYS=7.159MHz
fSYS=4MHz
fSYS=3.579545MHz
BRG
Kbaud
Error
BRG
Kbaud
Error
BRG
Kbaud
Error
BRG
Kbaud
Error
0.3
¾¾¾¾¾¾¾¾¾¾¾¾
1.2
¾¾¾¾¾¾
207
1.202
0.16
185
1.203
0.23
2.4
207
2.404
0.16
185
2.405
0.23
103
2.404
0.16
92
2.406
0.23
4.8
103
4.808
0.16
92
4.811
0.23
51
4.808
0.16
46
4.76
-0.83
9.6
51
9.615
0.16
46
9.520
-0.832
25
9.615
0.16
22
9.727
1.32
19.2
25
19.231
0.16
22
19.454
1.32
12
19.231
0.16
11
18.643
-2.9
38.4
12
38.462
0.16
11
37.287
-2.9
6
35.714
-6.99
5
37.286
-2.9
57.6
8
55.556
-3.55
7
55.93
-2.9
3
62.5
8.51
3
55.930
-2.9
115.2
3
125
8.51
3
111.86
-2.9
1
125
8.51
1
111.86
-2.9
250
1
250
0
¾¾¾
0
250
0
¾¾¾
Baud Rates and Error Values for BRGH
= 1
· Setting up and controlling the UART
¨ Introduction
For data transfer, the UART function utilizes a
non-return-to-zero, more commonly known as
NRZ, format. This is composed of one start bit, eight
or nine data bits, and one or two stop bits. Parity is
supported by the UART hardware, and can be
setup to be even, odd or no parity. For the most
common data format, 8 data bits along with no par-
ity and one stop bit, denoted as 8, N, 1, is used as
the default setting, which is the setting at power-on.
The number of data bits and stop bits, along with the
parity, are setup by programming the corresponding
BNO, PRT, PREN, and STOPS bits in the UCR1
register. The baud rate used to transmit and receive
data is setup using the internal 8-bit baud rate gen-
erator, while the data is transmitted and received
LSB first. Although the UART¢s transmitter and re-
ceiver are functionally independent, they both use
the same data format and baud rate. In all cases
stop bits will be used for data transmission.
¨ Enabling/disabling the UART
The basic on/off function of the internal UART func-
tion is controlled using the UARTEN bit in the UCR1
register. As the UART transmit and receive pins, TX
and RX respectively, are pin-shared with normal I/O
pins, one of the basic functions of the UARTEN con-
trol bit is to control the UART function of these two
pins. If the UARTEN, TXEN and RXEN bits are set,
then these two I/O pins will be setup as a TX output
pin and an RX input pin respectively, in effect dis-
abling the normal I/O pin function. If no data is being
transmitted on the TX pin then it will default to a
logic high value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com