Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT48CU80 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
HT48RU80/HT48CU80
Rev. 1.00
14
April 12, 2006
clock may still come from the instruction clock and oper-
ates in the same manner except that in the HALT state
the WDT may stop counting and lose its protecting pur-
pose. In this situation the logic can only be restarted by
external logic. The high nibbles and bit 3 of the WDTS
are reserved for users defined flags, which can be used
to indicate some specified status.
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) or 32kHz crystal oscil-
lator (RTC OSC) is strongly recommended, since the
HALT will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS Register
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit ²TO². But in the
HALT mode, the overflow will initialize a
²warm reset²
and only the Program Counter and SP are reset to zero.
To clear the WDT contents (including the WDT
prescaler), three methods are adopted; external reset (a
low level to RES), software instruction and a
²HALT² in-
struction. The software instruction include
²CLR WDT²
and the other set
-²CLR WDT1² and ²CLR WDT2².Of
these two types of instruction, only one can be active de-
pending on the option
-²CLR WDT times selection op-
tion
².Ifthe ²CLR WDT² is selected (i.e. CLRWDT times
equal one), any execution of the
²CLR WDT² instruction
will clear the WDT. In the case that
²CLR WDT1² and
²CLR WDT2² are chosen (i.e. CLRWDT times equal
two), these two instructions must be executed to clear
the WDT, otherwise, the WDT may reset the chip as a
result of time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following:
· The system oscillator will be turned off but the WDT
oscillator remains running (if the WDT oscillator is se-
lected).
· The contents of the on chip RAM and registers remain
unchanged.
· The WDT and WDT prescaler will be cleared and re-
counted again (if the WDT clock is from the WDT os-
cillator).
· All of the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². After the TO and PDF flags are
examined, the cause for a chip reset can be determined.
The PDF flag is cleared by a system power-up or exe-
cuting the
²CLR WDT² instruction and is set when exe-
cuting the
²HALT² instruction. The TO flag is set if the
WDT time-out occurs, and causes a wake-up that only
resets the Program Counter and SP; the others remain
in their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in Port A can be independently selected to wake-up the
device by options. Awakening from an I/O port stimulus,
the program will resume execution of the next instruc-
tion. If it awakens from an interrupt, two sequence may
occur. If the related interrupt is disabled or the interrupt
is enabled but the stack is full, the program will resume
execution at the next instruction. If the interrupt is en-
abled and the stack is not full, the regular interrupt re-
sponse takes place. If an interrupt request flag is set to
²1² before entering the HALT mode, the wake-up func-
tion of the related interrupt will be disabled. Once a
wake-up event occurs, it takes 1024 tSYS (system clock
period) to resume normal operation. In other words, a
dummy period will be inserted after a wake-up. If the
wake-up results from an interrupt acknowledge signal,
the actual interrupt subroutine execution will be delayed
by one or more cycles. If the wake-up results in the next
instruction execution, this will be executed immediately
after the dummy period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
The RTC oscillator still runs in the HALT mode (if the
RTC oscillator is enabled).
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that resets only the Program Counter and SP, leav-
ing the other circuits in their original state. Some regis-
ters remain unchanged during other reset conditions.
Most registers are reset to the
²initial condition² when
the reset conditions are met. By examining the PDF and
TO flags, the program can distinguish between different
²chip resets².



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com