Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT48CU80 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
HT48RU80/HT48CU80
Rev. 1.00
20
April 12, 2006
V D D
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 2 ~ P C 7
P D 0 ~ P D 7
P E 0 ~ P E 7
P F 0 ~ P F 7
P G 0 ~ P G 7
M
U
X
W a k e - u p O p t i o n
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
C o n t r o l B i t P u l l - h i g h
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
M
U
X
( P B 0 , P B 1 O n l y ) P B 0
B Z
B u z z e r O p t i o n
( P B 0 , P B 1 O n l y )
E X T = B Z f o r P B 0 o n l y , E X T = B Z f o r P B 1 o n l y , c o n t r o l = P B 0 d a t a r e g i s t e r
D
Q
C K
S
Q
D
Q
C K
S
Q
PA, PB, PC2~PC7, PD, PE, PF, PG Input/Output Ports
Input/Output Ports
There are 56 bidirectional input/output lines in the
microcontroller, labeled from PA to PG, which are
mapped to the data memory of [12H], [14H], [16H],
[18H], [1AH], [1CH] and [25H] respectively. All of these
I/O ports can be used for input and output operations.
For input operation, these ports are non-latching, that is,
the inputs must be ready at the T2 rising edge of
instruction
²MOV A,[m]² (m=12H, 14H, 16H, 18H, 1AH,
1CH or 25H). For output operation, all the data is latched
and remains unchanged until the output latch is rewrit-
ten.
Each I/O line has its own control register (PAC, PBC,
PCC, PDC, PEC, PFC, PGC) to control the input/output
configuration. With this control register, CMOS output or
Schmitt trigger input with or without pull-high resistor
structures can be reconfigured dynamically under soft-
ware control. To function as an input, the corresponding
latch of the control register must write
²1². The input
source also depends on the control register. If the con-
trol register bit is
²1², the input will read the pad state. If
the control register bit is
²0², the contents of the latches
will move to the internal bus. The latter is possible in the
²read-modify-write² instruction.
For output function, CMOS is the only configuration.
These control registers are mapped to locations 13H,
15H, 17H, 19H, 1BH, 1DH and 26H.
After a chip reset, these input/output lines remain at high
levels or floating state (depending on the pull-high op-
tions). Each bit of these input/output latches can be set
or cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H,
16H, 18H, 1AH, 1CH or 25H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of Port A has the capability of waking-up the
device.
There is a pull-high option available for all I/O lines (port
option). Once the pull-high option of an I/O line is se-
lected, the I/O line has a pull-high resistor. Otherwise,
the pull-high resistor is absent. It should be noted that a
non-pull-high I/O line operating in input mode will cause
a floating state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com