Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48CU80 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
HT48RU80/HT48CU80
I/O Type 8-Bit MCU
Rev. 1.00
1
April 12, 2006
General Description
The HT48RU80/HT48CU80 are 8-bit high performance,
RISC architecture microcontroller devices specifically
designed for multiple I/O control product applications.
The mask version HT48CU80 is fully pin and function-
ally compatible with the OTP version HT48RU80 de-
vice.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, HALT and
wake-up functions, watchdog timer, buzzer driver, as
well as low cost, enhance the versatility of these devices
to suit a wide range of application possibilities such as
industrial control, consumer products, subsystem con-
trollers, etc.
The HT48CU80 is under development and will be avail-
able soon.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· Low voltage reset function
· 56 bidirectional I/O lines (max.)
· Two interrupt input
· 16-bit´2 programmable timer/event counter and
overflow interrupts with PFD outputs
· 8-bit´1 programmable timer/event counter
· On-chip RC oscillator, external crystal and RC oscil-
lator
· 32768Hz crystal oscillator for timing purposes only
· Watchdog Timer
· 16K´16 program memory ROM
· 576´8 data memory RAM
· Universal Asynchronous Receiver/Transmitter
(UART)
· HALT function and wake-up feature reduce power
consumption
· 16-level subroutine nesting
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· Bit manipulation instruction
· 16-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· 48-pin SSOP, 64-pin QFP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0004E HT48 & HT46 MCU UART Software Implementation Method
- HA0013E HT48 & HT46 LCM Interface Design
- HA0021E Using the I/O Ports on the HT48 MCU Series


Similar Part No. - HT48CU80

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
Cost-Effective I/O Type 8-Bit MCU
June 9, 2004
HT48C05 HOLTEK-HT48C05_08 Datasheet
287Kb / 39P
Cost-Effective I/O Type 8-Bit MCU
HT48C06 HOLTEK-HT48C06 Datasheet
264Kb / 38P
Cost-Effective I/O Type 8-Bit MCU
June 9, 2004
HT48C062 HOLTEK-HT48C062 Datasheet
220Kb / 31P
Cost-Effective I/O Type 8-Bit MCU
October 30, 2006
HT48C062 HOLTEK-HT48C062_08 Datasheet
230Kb / 31P
Cost-Effective I/O Type 8-Bit MCU
December 30, 2008
More results

Similar Description - HT48CU80

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
I/O Type 8-Bit MCU
June 9, 2004
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
I/O Type 8-Bit MCU
November 4, 2005
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
I/O Type 8-Bit MCU
March 8, 2006
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
I/O Type 8-Bit MCU
December 6, 2005
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
I/O Type 8-Bit MCU
November 4, 2005
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
I/O Type 8-Bit MCU
August 7, 2007
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com