Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48CU80 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
HT48RU80/HT48CU80
Rev. 1.00
21
April 12, 2006
V D D
M
U
X
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - h i g h
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P C 0 / T X
F r o m U A R T T X
U A R T E N & T X E N
D
Q
C K
S
Q
D
Q
C K
S
Q
PC0/TX Input/Output Ports
V D D
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - h i g h
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P C 1 / R X
T o U A R T R X
D
Q
C K
S
Q
D
Q
C K
S
Q
PC1/RX Input/Output Ports
Low Voltage Reset
- LVR
The microcontroller provides a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as changing a battery, the LVR will au-
tomatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in its origi-
nal state for longer than 1ms. If the low voltage state
does not exceed 1ms, the LVR will ignore it and will
not perform a reset function.
· The LVR uses an
²OR² function with the external RES
signal to perform a chip reset.
The relationship between VDD and VLVR is shown below.
Note: VOPR is the voltage range for proper chip opera-
tion at 4MHz system clock.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com