Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48CU80 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT48CU80
Description  I/O Type 8-Bit MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CU80 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT48CU80 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48CU80 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Application Circuits
Note: The resistance and capacitance for reset circuit should be designed to ensure that the VDD is stable and re-
mains in a valid range of the operating voltage before bringing RES high.
²*² Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise
interference.
The following table shows the C1, C2 and R1 values corresponding to the different crystal values. (For refer-
ence only)
Crystal or Resonator
C1, C2
R1
4MHz Crystal
0pF
10k
W
4MHz Resonator
10pF
12k
W
3.58MHz Crystal
0pF
10k
W
3.58MHz Resonator
25pF
10k
W
2MHz Crystal & Resonator
25pF
10k
W
1MHz Crystal
35pF
27k
W
480kHz Resonator
300pF
9.1k
W
455kHz Resonator
300pF
10k
W
429kHz Resonator
300pF
10k
W
The function of the resistor R1 is to ensure that the oscillator will switch off should low voltage condi-
tions occur. Such a low voltage, as mentioned here, is one which is less than the lowest value of the
MCU operating voltage. Note however that if the LVR is enabled then R1 can be removed.
HT48RU80/HT48CU80
Rev. 1.00
34
April 12, 2006
O S C 1
O S C 2
C r y s t a l S y s t e m O s c i l l a t o r
F o r t h e v a l u e s ,
s e e t a b l e b e l o w
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 M W
R 1
C 1
C 2
V D D
R O S C
O S C 1
O S C 2
4 7 0 p F
N M O S o p e n d r a i n
O S C 1
O S C 2
O S C
C i r c u i t
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
1 0 k W
O S C C i r c u i t
I n t e r n a l R C O s c i l l a t o r
w i t h R T C
H T 4 8 R U 8 0 / H T 4 8 C U 8 0
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
P D 0 ~ P D 7
T M R 0
T M R 1
P E 0 ~ P E 7
P F 0 ~ P F 7
P G 0 ~ P G 7
I N T 0
O S C 1
O S C 2
3 2 7 6 8 H z
1 0 p F
S e e R i g h t S i d e
I N T 1
T M R 2
T X
R X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com