Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 27Page - Richtek Technology Corporation RT9758 Datasheet HTML 28Page - Richtek Technology Corporation RT9758 Datasheet HTML 29Page - Richtek Technology Corporation RT9758 Datasheet HTML 30Page - Richtek Technology Corporation RT9758 Datasheet HTML 31Page - Richtek Technology Corporation RT9758 Datasheet HTML 32Page - Richtek Technology Corporation RT9758 Datasheet HTML 33Page - Richtek Technology Corporation RT9758 Datasheet HTML 34Page - Richtek Technology Corporation RT9758 Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
31
Register Address : 0x10, Register Name : CTRL_7
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:6
PHASE_A_
ANGLE
00
N
Y
RW
Select phase A angle in DIV2 or reverse DIV2
mode.
It is strongly prohibited during operation. shall
be determined before CHG_EN set 1.
If the RT9758 operate in single application,
recommend this bit set to 00.
If the RT9758 operate in parallel application,
recommend this bit set to 00 in Master mode.
If the RT9758 operate in parallel application,
recommend this bit set to 01 in Slave mode.
00 : 0 degrees (default)
01 : 90 degrees
10 : 180 degrees
11 : 270 degrees
5:4
PHASE_B_
ANGLE
10
N
Y
RW
Select phase B angle in DIV2 or reverse DIV2
mode.
It is strongly prohibited during operation. shall
be determined before CHG_EN set 1.
If the RT9758 operate in single application,
recommend this bit set to 10.
If the RT9758 operate in parallel application,
recommend this bit set to 10 in Master mode.
If the RT9758 operate in parallel application,
recommend this bit set to 11 in Slave mode.
00 : 0 degrees
01 : 90 degrees
10 : 180 degrees (default)
11 : 270 degrees
3
AT_
FUNCTION_
EN
0
N
Y
RW
Enable or disable auto transition function that
make converter mode change between
bypass mode and DIV2 mode automatically.
0 : Disable (default)
1 : Enable
2:0
AT_
FUNCTION
100
N
Y
RW
Auto transition function threshold.
000 : 9V
001 : 9.5V
010 : 10V
011 : 10.5V
100 : 11V (default)
101 : 11.5V
110 : 12V
111 : 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com