Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 47 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 47 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 43Page - Richtek Technology Corporation RT9758 Datasheet HTML 44Page - Richtek Technology Corporation RT9758 Datasheet HTML 45Page - Richtek Technology Corporation RT9758 Datasheet HTML 46Page - Richtek Technology Corporation RT9758 Datasheet HTML 47Page - Richtek Technology Corporation RT9758 Datasheet HTML 48Page - Richtek Technology Corporation RT9758 Datasheet HTML 49Page - Richtek Technology Corporation RT9758 Datasheet HTML 50Page - Richtek Technology Corporation RT9758 Datasheet HTML 51Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
47
Watchdog Timer (WDT)
When the device is controlled by host, all of the register can be programmed by host. The host has to read or write
any register to reset watchdog counter before watchdog timeout and it can also disable WDT function by setting
WDT_EN bits to 0. When the watchdog timer expired in standby mode and 4 operation mode, WDT_STAT and
WDT_FLAG turn to high and INT pin is pulsed for interrupt the host. After watchdog reset wait time (tWDT_WAIT), the
different related registers are reset to default values (Refer to Register Descriptions for detail) according by operation
mode and the BEHAVIOR_AFTER_WDT bit setting. The Figure 9 shows the WDT flow chart. For example, when
the watchdog timer expired in bypass mode and the BEHAVIOR_AFTER_WDT bit is 1, the OVP, OCP and OTP
registers are reset to default value but the CHG_EN bit and Q0_CONTROL bit will keep as same as before. In other
case, when the watchdog timer is expired, the OVP, OCP and OTP registers are reset to default value and the
CHG_EN bit and Q0_CONTROL bit will also reset to 0 and 00, separately. If the device stays in watchdog timer
suspend status, host can read or write any registers to return counting. For decrease quiescent current in present
mode, the WDT timer will force disable.
WDT counting
WDT disable or
read/write I
2
C
WDT Timeout ?
WDT_FLAG = 1
WDT_STAT = 1
Set INT interrupt
WDT disable or
read/write I
2C
WDT timer reset
Delay 32msec
(tWDT_WAIT)
WDT timer reset
I
2
C read/write any register
Y
N
N
Y
Y
N
N
Y
N
BEHAVIOR_AFTER_WDT = 1 &
Device operates in bypass mode
Timer suspend
Reset OVP & OCP threshold
Reset OVP & OCP & OTP disable bit
Set CHG_EN = 0
Set Q0_CONTROL = 00
WDT timer reset
Y
Y
N
Reset OVP & OCP threshold
Reset OVP & OCP & OTP disable bit
WDT timer reset
Figure 9. WDT Flow Chart
Pre-Charge Mechanism
To avoid the inrush current caused by the voltage difference between capacitors and the voltage source, the device
establishes a pre-charge mechanism to charge the CFLY capacitors and the COUT capacitor before charging the
battery. The device begins to charge the battery if the pre-charge time is timeout and no fault occurs during the pre-
charge period. The pre-charge time depends on the setting of registers CFLY_DIAG_TIME and VOUT_ERR_
ON_TIME. Each pre-charge time and pre-charged capacitors for 4 operation modes are indicated in Table 9. In the
case of the DIV2 mode, the pre-charge time is CFLY_DIAG_TIME plus VOUT_ERR_ON_TIME, and the CFLY and
COUT capacitors are pre-charged at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com