Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 30Page - Richtek Technology Corporation RT9758 Datasheet HTML 31Page - Richtek Technology Corporation RT9758 Datasheet HTML 32Page - Richtek Technology Corporation RT9758 Datasheet HTML 33Page - Richtek Technology Corporation RT9758 Datasheet HTML 34Page - Richtek Technology Corporation RT9758 Datasheet HTML 35Page - Richtek Technology Corporation RT9758 Datasheet HTML 36Page - Richtek Technology Corporation RT9758 Datasheet HTML 37Page - Richtek Technology Corporation RT9758 Datasheet HTML 38Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
34
Application Information
Richtek’s component specification does not include the following information in the Application Information section.
Thereby no warranty is given regarding its validity and accuracy. Customers should take responsibility to verify their
own designs and reserve suitable design margin to ensure the functional suitability of their components and systems.
Operation Principle
The cap divider topology relies on a smart wall adapter
to control the voltage and current of input in order to
charge. Based on the cap divider topology, the 4
MOSFETs (Q1~Q4) are used to charge and discharge
flying capacitor (CFLY) alternately. The simplified circuit
of cap divider is shown in Figure 1.
In period 1: When Q1 and Q3 are turned on and Q2 and
Q4 are turned off, the CFLY and COUT are in series
with VBUS. The BUS current is supplied to COUT
directly. During this period, the voltage of CFLY can be
expressed as equation 1 :
VCFLY = VBUS - VOUT ---- (1)
In period 2: When Q1 and Q3 are turned off and Q2 and
Q4 are turned on, the CFLY and COUT are in parallel.
The current of COUT is only supplied by CFLY. During
this period, the voltage of CFLY can be expressed as
equation 2 :
VCFLY = VOUT ---- (2)
If the equation 2 is substituted into equation 1, the
equation 1 can be expressed as equation 3 :
VOUT = VBUS / 2 ---- (3)
If the power dissipation of topology is ignored, the
output power can be expressed as equation 4 :
VOUT x IOUT = VBUS x IBUS ---- (4)
If the equation 3 is substituted into equation 4, the IOUT
can be expressed as equation 5:
IOUT = 2 x IBUS ---- (5)
According to the equations above, the output voltage is
half of the input voltage and the output current is twice
the input current in cap divider topology. For the
efficiency and output ripple improvement in application,
the dual phase cap divider topology with phase shift 180
degrees between phases are built in the RT9758.
COUT
CFLY
VBUS
Q1
Q2
Q3
Q4
CFLY
CFLY
VBUS
IBUS
IBUS
IOUT
COUT
IOUT
VBUS
VCFLY
VCFLY
+
-
+
-
Period 1
Period 2
COUT
Figure 1. Simplified Circuit of Cap Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com