Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 12Page - Richtek Technology Corporation RT9758 Datasheet HTML 13Page - Richtek Technology Corporation RT9758 Datasheet HTML 14Page - Richtek Technology Corporation RT9758 Datasheet HTML 15Page - Richtek Technology Corporation RT9758 Datasheet HTML 16Page - Richtek Technology Corporation RT9758 Datasheet HTML 17Page - Richtek Technology Corporation RT9758 Datasheet HTML 18Page - Richtek Technology Corporation RT9758 Datasheet HTML 19Page - Richtek Technology Corporation RT9758 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
16
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SDA Setup Time
tSU;DAT
Standard-mode
250
--
--
ns
Fast-mode
100
--
--
Fast-mode plus
50
--
--
High-speed mode Cb = 400pF
10
--
--
High-speed mode Cb = 100pF
10
--
--
SCL Clock Low Time
tLOW
Standard-mode
4.7
--
--
s
Fast-mode
1.3
--
--
Fast-mode plus
0.5
--
--
High-speed mode Cb = 400pF
320
--
--
ns
High-speed mode Cb = 100pF
160
--
--
SCL Clock High Time
tHIGH
Standard-mode
4
--
--
s
Fast-mode
0.6
--
--
Fast-mode plus
0.26
--
--
High-speed mode Cb = 400pF
120
--
--
ns
High-speed mode Cb = 100pF
60
--
--
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
JA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-thermal-
conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
Devices are ESD sensitive. Handling precaution is recommended.
The device is not guaranteed to function outside its operating conditions.
Specification is guaranteed by design and/or correlation with statistical process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com