Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 26 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 26 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 22Page - Richtek Technology Corporation RT9758 Datasheet HTML 23Page - Richtek Technology Corporation RT9758 Datasheet HTML 24Page - Richtek Technology Corporation RT9758 Datasheet HTML 25Page - Richtek Technology Corporation RT9758 Datasheet HTML 26Page - Richtek Technology Corporation RT9758 Datasheet HTML 27Page - Richtek Technology Corporation RT9758 Datasheet HTML 28Page - Richtek Technology Corporation RT9758 Datasheet HTML 29Page - Richtek Technology Corporation RT9758 Datasheet HTML 30Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
26
Register Address : 0x09, Register Name : STAT_2
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7
VBUS_OVP_
STAT
0
N
N
R
Set 1 when VBUS voltage above the
VBUS_OVP threshold. Persists until condition
is no longer valid.
0 : Normal
1 : VBUS_OVP is occurring.
6
VOUT_OVP_
STAT
0
N
N
R
Set 1 when VOUT voltage above the
VOUT_OVP threshold. Persists until
condition is no longer valid.
0 : Normal
1 : VOUT_OVP is occurring.
5:4
Reserved
00
NA
NA
NA
Reserved
3
IBUS_OCP_
STAT
0
N
N
R
Set 1 when IBUS current above the
IBUS_OCP threshold. Persists until condition
is no longer valid.
0 : Normal
1 : IBUS_OCP is occurring.
2
WRX_IRE_
OCP_STAT
0
N
N
R
Set 1 when current that from VBUS to
WRX_IN above the WRX_IRE_OCP
threshold. Persists until condition is no longer
valid.
0 : Normal
1 : WRX_IRE_OCP is occurring.
1
TDIE_OTP_
STAT
0
N
N
R
Set 1 when die temperature over than
TDIE_OTP threshold. Persists until condition
is no longer valid.
0 : Normal
1 : TDIE_OTP is occurring.
0
WDT_STAT
0
N
N
R
0 : WDT is counting.
1 : WDT reset will occur after 32ms.
Register Address : 0x0A, Register Name : CTRL_1
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:3
Reserved
00000
NA
NA
NA
Reserved
2:0
VOUT_OVP
010
Y
Y
RW
VOUT over-voltage protection threshold.
000 : 7V
001 : 8V
010 : 9V (default)
011 : 10V
100 : 11V
101 : 12V
110 : 13V
111 : 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com