Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 45 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 45 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 41Page - Richtek Technology Corporation RT9758 Datasheet HTML 42Page - Richtek Technology Corporation RT9758 Datasheet HTML 43Page - Richtek Technology Corporation RT9758 Datasheet HTML 44Page - Richtek Technology Corporation RT9758 Datasheet HTML 45Page - Richtek Technology Corporation RT9758 Datasheet HTML 46Page - Richtek Technology Corporation RT9758 Datasheet HTML 47Page - Richtek Technology Corporation RT9758 Datasheet HTML 48Page - Richtek Technology Corporation RT9758 Datasheet HTML 49Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
45
⚫
Flying Capacitor Diagnose (CFLY_DIAG)
The device integrates CFLY_DIAG function to
diagnose the health of flying capacitors before
charging. The CFLY_DIAG function only active in
soft-start process of DIV2 mode and reverse DIV2
mode. After CHG_EN is enabled, the device starts
soft-start process with corresponding soft-start time
(tSS_DIV2 or tSS_REVERSE_DIV2) in DIV2 or reverse
DIV2 mode. In soft-start process, the CFLY_DIAG
function will diagnose the CFL pin level in each phase.
If the CFL level is higher than CFLY_DIAG detect
level (VCFLY_DIAG), the device will stop soft-start
process and reset CHG_EN bit to 0. The CFLY_DIAG
function will stop activating after the device charge
successfully. In normal charging case, If the flying
capacitor is short while charging, the device can be
protected by other protections (e.g., IBUS_OCP,
VBUS_OVP, VOUT_OVP or CON_OCP).
⚫
Output Pin Error Detection (VOUT_ERR)
The device integrates VOUT_ERR function to
prevent output pin abnormal short before charging.
The VOUT_ERR function only active in soft-start
process of bypass mode and DIV2 mode. After
CHG_EN is enabled, the device starts soft-start
process
with
corresponding
soft-start
time
(tSS_BYPASS, tSS_DIV2) in bypass or DIV2 mode. In
soft-start process of DIV2 mode, the VOUT_ERR
function will detect the VOUT pin level. If the VOUT
level can’t over than VOUT_ERR detect level
(VOUT_ERR), the device will stop soft-start process
and reset CHG_EN bit to 0.
In soft-start process of bypass mode, If VOUT_ERR
function is triggered, the device will stop soft-start
process and still keep CHG_EN bit to 1. And the
device will re-start again if start-up conditions are met.
At bypass mode case, the device operates like
Hiccup mode if VOUT pin short abnormally. The
VOUT_ERR function will stop activating after the
device charge successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com