Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 31Page - Richtek Technology Corporation RT9758 Datasheet HTML 32Page - Richtek Technology Corporation RT9758 Datasheet HTML 33Page - Richtek Technology Corporation RT9758 Datasheet HTML 34Page - Richtek Technology Corporation RT9758 Datasheet HTML 35Page - Richtek Technology Corporation RT9758 Datasheet HTML 36Page - Richtek Technology Corporation RT9758 Datasheet HTML 37Page - Richtek Technology Corporation RT9758 Datasheet HTML 38Page - Richtek Technology Corporation RT9758 Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
35
Charge System Introduction
The RT9758 is slave charger that integrated cap divider
and direct charge topology for high voltage application.
The RT9758 can generates high output current with
both topologies. Before enabling the RT9758, the host
set up all of protection and disable main charger in
power solution. The host must monitor the input/output
voltage and current by external sensing circuit during
high current charging period and communicate with the
smart wall adapter to control the charging current flow.
The Figure 2 and Figure 3 are the simplified high
voltage charge system in 1-cell and 2-cell battery
application. These devices can communicate with each
other through I2C serial interface. These system blocks
support dual input power source for high charge current
application. In these charge system, the switching
charger is used to detect USB BC1.2 of adapter and the
PD controller is used to communicate with adapter by
PD protocol. The RT9758 and cap divider charger are
used to implement high current charging period.
In 1-cell battery application, once the smart wall adapter
is detected, the AP will control the switching charger,
cap divider charger and communicate with adapter to
achieve high current charging profile. And If wireless
power transmitter is detected, the AP will control three
charger devices and communicate with wireless
transmitter to achieve high current charging profile.
In 2-cell battery application, once the smart wall adapter
is detected, the AP will control the switching charger,
RT9758 and communicate with adapter to achieve high
current
charging
profile.
And
If
wireless
power
transmitter is detected, the AP will also control two
charger devices and communicate with wireless
transmitter to achieve high current charging profile.
For monitor the
RT9758’s input and output voltage and
current information, both wireless power receiver and
cap divider charger that establish ADC function are
essential. If not, the system must built-in external
voltage and current detector for safety charge control.
The charge profile of 1-cell and 2-cell battery application
are shown in Figure 4 and Figure 5. The switching
charger is required to dominate pre-charge, fast charge
when battery voltage is lower than system startup
voltage, constant voltage and termination periods.
In 1-cell battery application, when wireless power
source is detected and before system wake up, the
RT9758 will operate in bypass mode to deliver power to
next power stage. After system is waked up, the
RT9758 will operate in DIV2 mode and in series with
cap divider charger to achieve fast charge period.
In 2-cell battery application, when system is waked up,
the RT9758 can operate in DIV2 mode or bypass mode
to achieve fast charge period according to different input
power source voltage level.
To shorten the constant voltage period, the wireless
power receiver or adapter are controlled to reduce the
support current by ramp step when battery voltage
triggers CV level. After the charging current is step
down to desired value, the switching charger will start to
dominate CV period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com