Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 46 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 46 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 42Page - Richtek Technology Corporation RT9758 Datasheet HTML 43Page - Richtek Technology Corporation RT9758 Datasheet HTML 44Page - Richtek Technology Corporation RT9758 Datasheet HTML 45Page - Richtek Technology Corporation RT9758 Datasheet HTML 46Page - Richtek Technology Corporation RT9758 Datasheet HTML 47Page - Richtek Technology Corporation RT9758 Datasheet HTML 48Page - Richtek Technology Corporation RT9758 Datasheet HTML 49Page - Richtek Technology Corporation RT9758 Datasheet HTML 50Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9758-03
May 2023
46
Auto Transition Function Feature (AT_Function)
For more flexible mode change application between bypass mode and DIV2 mode, the auto transition function
(AT_Function) is established in the RT9758 to make converter mode change automatically by adjusting VBUS
voltage. In register map, the AT_FUNCTION_EN bit is used to enable this function and the AT_FUNCTION bit is
used to set the threshold of mode transition. When the AT_Function is active in bypass mode, if VBUS is higher than
AT_Function threshold in tAT_FUNCTION_DEG time, the device will stop charging, set OPERATION_MODE_
SELECTION bit to 1 and then start DIV2 charging process if the start-up conditions are met. In another case, if VBUS
is lower than AT_Function threshold when the device operates in DIV2 mode, it will stop charging, set
OPERATION_MODE_ SELECTION bit to 0 and then start bypass charging process if the start-up conditions are met.
The Figure 8 is recommended operation flow for using auto transition function, user should follow step 1-4 to use
auto transition function. Especially, if user desires device be transited from bypass mode to DIV mode by using
AT_Function, be sure to enable VOUT_PD bit to 1 before increase VBUS voltage.
1. Set AT_FUNCTION threshold level
2. Set AT_FUNCTION_EN = 1 to enable
AT_Function
Set VOUT_PD = 1 to enable VOUT pull down
resistor
3. Increase VBUS higher than AT_Function
threshold and over 10msec deglitch time
Device stop charging &
set OPERATION_MODE_SELECTION = 1 automatically
Start DIV2 charging process when VBUS_INSERT = 1 &
VBUS_LOW_ERR = 0
Device operates in DIV2 mode
Device operates in bypass mode
1. Set AT_FUNCTION threshold level
2. Set AT_FUNCTION_EN = 1 to enable
AT_Function
3. Decrease VBUS lower than AT_Function
threshold and over 10msec deglitch time
Device stop charging &
set OPERATION_MODE_SELECTION = 0 automatically
Start bypass charging process when VBUS_INSERT = 1 &
VBUS_LOW_ERR = 0
Device operates in DIV2 mode
Device operates in bypass mode
4. Set AT_FUNCTION_EN = 0 to disable
AT_Function
4. Set AT_FUNCTION_EN = 0 to disable
AT_Function
Figure 8. Operation Flow for Using Auto Transition Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com