Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 23Page - Richtek Technology Corporation RT9758 Datasheet HTML 24Page - Richtek Technology Corporation RT9758 Datasheet HTML 25Page - Richtek Technology Corporation RT9758 Datasheet HTML 26Page - Richtek Technology Corporation RT9758 Datasheet HTML 27Page - Richtek Technology Corporation RT9758 Datasheet HTML 28Page - Richtek Technology Corporation RT9758 Datasheet HTML 29Page - Richtek Technology Corporation RT9758 Datasheet HTML 30Page - Richtek Technology Corporation RT9758 Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
27
Register Address : 0x0B, Register Name : CTRL_2
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:6
Reserved
00
NA
NA
NA
Reserved
5:0
VBUS_OVP
000111
Y
Y
RW
VBUS over-voltage protection threshold.
VBUS_OVP = 7.25V + VBUS_OVP[5:0] x
LSB
LSB = 250mV
Default = 9V, Maximum level is 22V
(111011b)
Register Address : 0x0C, Register Name : CTRL_3
Bit
Bit Name
Default
WDT
RST
REG
RST
Type
Description
7:4
IBUS_OCP
1000
Y
Y
RW
IBUS over-current protection threshold. This
current protection is bidirectional.
0000 : Reserved
0001 : Reserved
0010 : 2A
0011 : 2.5A
0100 : 3A
0101 : 3.5A
0110 : 4A
0111 : 4.5A
1000 : 5A (default)
1001 : 5.5A
1010 : 6A
1011 : 6A
1100 : 6A
1101 : 6A
1110 : 6A
1111 : 6A
3:0
WRX_IRE_
OCP
0010
Y
Y
RW
WRX reverse over-current protection
threshold.
0000 : 1A
0001 : 1.5A
0010 : 2A (default)
0011 : 2.5A
0100 : 3A
0101 : 3.5A
0110 : 4A
0111 : 4.5A
1000 : 5A
1001 : 5.5A
1010 : 6A
1011 : 6A
1100 : 6A
1101 : 6A
1110 : 6A
1111 : 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com