Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9758 Datasheet(PDF) 51 Page - Richtek Technology Corporation

Part # RT9758
Description  High Voltage Smart Cap Divider and Direct Charge Charger
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9758 Datasheet(HTML) 51 Page - Richtek Technology Corporation

Back Button RT9758 Datasheet HTML 47Page - Richtek Technology Corporation RT9758 Datasheet HTML 48Page - Richtek Technology Corporation RT9758 Datasheet HTML 49Page - Richtek Technology Corporation RT9758 Datasheet HTML 50Page - Richtek Technology Corporation RT9758 Datasheet HTML 51Page - Richtek Technology Corporation RT9758 Datasheet HTML 52Page - Richtek Technology Corporation RT9758 Datasheet HTML 53Page - Richtek Technology Corporation RT9758 Datasheet HTML 54Page - Richtek Technology Corporation RT9758 Datasheet HTML 55Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
RT9758
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9758-03
May 2023
www.richtek.com
51
Parallel Application
For higher charging current application, it is available to use two RT9758 in parallel architecture. The advantages of
using parallel architecture are reducing cable losses, improve efficiency of charge system and cut down charging
period. The high power solution that uses two RT9758 is shown in Figure 13. The slave address of RT9758 can be
configured by setting ADDR pin while device power up. In order to avoid unstable ripple issue while charging with
parallel architecture, the RT9758 is established with synchronization function at SYNC pin. If the RT9758 is
configured to master mode (SYNC_SLAVE_EN bit = 1) and synchronization function is active (SYNC_FUNCTION_
EN bit = 1), the SYNC pin provides synchronization pulses with frequency equal to twice switching frequency and
50% duty cycle. If the RT9758 is configured to slave mode (SYNC_SLAVE_EN bit = 0) and synchronization function
is active (SYNC_FUNCTION_EN bit = 1), the device works only while SYNC pin receive synchronization pulses. For
using the synchronization function, the SYNC pins of the two devices should be connected to each other. The
configuration mode and synchronization function can be configured by 0x0D[3] bit and 0x0D[2] bit, respectively.
RT9758
VBUS
SDA
SCL
INT
CFH2
CFL2
PGND
VOUT
WRX_OK
WRX_IN
CFH1
CFL1
Host
R2
R1
R3
Pull Up
CVBUS1
CFLY3
CFLY1
A6, B6, E6, F6
A4, B4, C4,
D4, E4, F4
E5,F5
A5,B5
A3,B3
E3,F3
C1,D1
E1
A2,B2,C2,
D2,E2,F2
B1
A1
D6
C5
SYNC
F1
CFLY2
CFLY4
COUT1
ADDR
VBUS
EN
D5
AGND
C6
BST1
BST2
D3
C3
CB1
CB2
WRX_IN
CVBUS2
VADDR1
22µF
22µF
22µF
22nF
22nF
22µF
22µF
4.7µF
4.7µF
CWRX1
2.2µF
10k
Ω
10k
Ω
10k
Ω
RT9758
VBUS
SDA
SCL
INT
CFH2
CFL2
PGND
VOUT
WRX_OK
WRX_IN
CFH1
CFL1
CVBUS3
CFLY7
CFLY5
A6, B6, E6, F6
A4, B4, C4,
D4, E4, F4
E5,F5
A5,B5
A3,B3
E3,F3
C1,D1
E1
A2,B2,C2,
D2,E2,F2
B1
A1
D6
C5
SYNC
F1
CFLY6
CFLY8
COUT2
ADDR
EN
D5
AGND
C6
BST1
BST2
D3
C3
CB3
CB4
CVBUS4
VADDR2
22µF
22µF
22µF
22nF
22nF
22µF
22µF
4.7µF
4.7µF
CWRX2
2.2µF
VOUT
Master
Slave
Figure 13. Parallel Application Circuit
In DIV2 mode and reverse DIV2 mode, all of phase angle in the device need to be defined correctly for optimize
output ripple and charging efficiency, especially parallel application. The Table 10 shows the recommended phase
angle in 4 operation modes with different configuration. For example, in DIV2 mode parallel application, the A phase
between master and slave device should be shift 90 degrees, the A and B phase in the same device should be shift
180 degrees. It is strongly prohibited to change PHASE_A_ANGLE bit and PHASE_B_ANGLE bit during charging.
If parallel architecture is used, the start-up sequence should be compiled with the rules below. The RT9758 set as
slave (RT9758_S) should be enabled before host enables the RT9758 set as master (RT9758_M) in order to achieve
parallel application. The RT9758_S will not switch until the SYNC pin receives synchronization pulses provided by
the RT9758_M. The communication flow between smart wall adapter, wireless power device and parallel charge
system is shown in Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com