Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 43 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 43 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 39Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 40Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 41Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 42Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 43Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 44Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 45Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 46Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 47Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
2006-01-27
92FD54AI-43
TMP92FD54AI
3) Product Information Read command (See Table 4.3.5.)
1. The transmitted/received data in the first and second bytes are the same as
for the RAM Transfer command.
2. The data received in the third byte is the operation command data. In this
case it is product information read command data (30H).
3. The data in the fourth byte is the ACK response data returned by the device for
the operation command data in the third byte. The first, the device checks if
the received data in the third byte contains an error. If a Receive error is found,
the device returns ACK response data for a Communication error (bit 3) X8H
and waits for the next operation command (third byte). The four high-order bits
of the returned ACK response data are undefined. (They are the four
high-order bits of the immediately preceding operation command data.)
Next, if the data received in the third byte corresponds to one of the operation
command values given in Table 4.3.2, the device echoes back the received data
(the ACK response data for normal reception). In this case the data value 30H
is echoed back, and the program branches to the product information read
processing routine. If the received data does not correspond to any operation
command data, the device returns the ACK response data for an Operation
Command error (bit 0) X1H and waits for the next operation command (third
byte). The four high-order bits of the returned ACK response data are
undefined. (They are the four high-order bits of the immediately preceding
operation command data.)
4. The data in bytes 5 to 8 sent by the device is flash memory data (the data at
addresses 08FEF0H to 08FEF3H). These addresses can be used to write ID
information for the software, facilitating version management.
5. The data in bytes 9 to 20 sent by the device denotes the product name. This
data is “TMP92FD54AI” and is transmitted as a sequence of ASCII codes
starting from the ninth byte.
6. The data in bytes 21 to 24 sent by the device is the password comparison start
address. This data consists of the values F4H, FEH, 08H and 00H and is
transmitted starting from the 21st byte.
7. The data in bytes 25 to 28 sent by the device is the RAM start address. This
data consists of the values 00H, 04H, 00H and 00H and is transmitted
starting from the 25th byte.
8. The data in bytes 29 to 32 sent by the device is the RAM user area end address.
This data consists of the values 006BFFH and is transmitted starting from
the 29th byte.
9. The data in bytes 33 to 36 sent by the device is the RAM end address. This
data consists of the values FFH, 83H, 00H and 00H and is transmitted
starting from the 33rd byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com