Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 24Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 25Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 26Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 27Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 28Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 29Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 30Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 31Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
2006-01-27
92FD54AI-28
TMP92FD54AI
(Step 5)
Next, the Rewrite routine in the RAM is executed and writes the new user application
program into the erased area of the flash memory after loading it from the source of
transfer (the controller). When the processor has finished writing the new user
application program, write-protect for the user program area should be turn on.
In the example below the rewrite data is transferred from the same host via the same
SIO as the rewrite routine. However, once normal program operation has started in RAM,
any other data bus and any other transfer source may be used as desired. The user must
design the board hardware and write the rewrite routine accordingly.
(Step 6)
When writing to the device has been completed, turn the power to the board off and
remove the cable connecting the device and host. To execute the new user application
program, turn the power back on again and start the device in Single-Chip Mode (Normal
Mode).
(TMP92FD54AI)
(Controller)
0
→ 1 RESET
Set for Single-Chip
Mode (Normal
Mode)
Flash memory
RAM
New user
application program
Boot ROM
SIO1
(TMP92FD54AI)
Flash memory
RAM
New user
application program
(Controller)
New user
application program
(I/O)
(a) Rewrite routine
Boot ROM
SIO1
(a) Rewrite routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com