Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 49Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 50Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 51Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 52Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 53Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 54Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 55Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 56Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
92FD54AI-53
2006-01-27
TMP92FD54AI
4.4
Programming/Erasing Flash Memory during on-Board Programming
The method used for controlling flash memory commands complies with JEDEC
standards for standard E2PROMs. For this reason, during RAM transfer operations in
User Boot Mode or Single Boot Mode the flash memory is programmed/erased by software
commands executed by the CPU. The program for controlling this program/erase operation
must be written in advance by the user. Because the flash memory cannot be read while it
is being programmed or erased, the program/erase control program must be placed in and
executed from the internal RAM or external memory after the device has entered User
Boot Mode or after a RAM transfer.
4.4.1
Flash memory
With a few exceptions, the functions for programming and erasing the flash memory
are based on JEDEC-compliant commands. To program or erase the flash memory,
enter a command to the flash memory using the CPU’s LD instruction. When a
command is entered, the flash memory will automatically be programmed or erased
internally. Furthermore, to erase the flash memory, several different methods can be
used: all the blocks can be erased together, each block can be erased individually.
Table 4.4.1 Flash memory functions
Main Functions
Description
Auto Program
Automatically writes data and verifies written data in long word units.
Auto Chip Erase
Automatically erases and verifies all the blocks of the flash memory together.
Auto Block Erase
Automatically erases and verifies in units of blocks.
Hardware Sequence flags
Monitoring flags such as a data polling or Toggle Bit flag help to confirm whether the flash memory is
being programmed or erased.
Block Protect
Block Protect function prevents individual blocks of flash memory from being programmed or erased.
As will be described later, in User Boot Mode or during RAM transfer the method of
address specification for operation commands differs from that for standard commands
for reasons of interfacing with the CPU. Also, unless otherwise stated, the flash
memory is written to in units of 32 bits. When writing to flash memory, use 32-bit (long
word) data transfer instructions. To enter commands, byte (8-bit) transfer instructions
can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com