Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 56 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 56 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 52Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 53Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 54Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 55Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 56Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 57Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 58Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 59Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 60Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
92FD54AI-56
2006-01-27
TMP92FD54AI
Also, if auto operation terminates abnormally or if the mode which has been
set is cleared by the issuing of a command, the device will re-enter Read Mode
due to the CPU being reset. Note that if the device is halted by a hardware
reset during auto operation, the flash memory data cannot be rewritten
correctly. In this case it is necessary to rewrite the data.
For details of the CPU’s Reset operation, please refer to Section 4.2.1,
Reset
operation. After being reset by a designated reset input, the CPU reads reset
vector data from the flash memory and starts post-Reset operation.
4) Auto Program
Writing to the flash memory involves changing the contents of cells containing 1 to
0. You cannot change 0 to 1. The only way to write 1 to a cell is to erase all the cells.
In User Boot Mode or during RAM transfer, data is written to the flash memory in
units of 32 bits (long words). Auto Program operation is begun when a program
address and program data (in units of long words) are latched in the fourth Bus
Write cycle of the Command cycle. Auto programming starts when the flash
memory has latched the program data. Since data is written in units of 32 bits, the
program address must be incremented by 4.
Once program operation has begun, programming and program verification are
automatically performed inside the chip. The status of an Auto Program operation
can be checked by monitoring the Hardware Sequence flags (see Table 4.4.6).
During Auto Program operation, the device will not accept any command
sequences input. To stop operation, use a hardware reset. Note that if operation is
interrupted, data cannot be written to the flash memory correctly.
Data cannot be written to addresses within a protected block. If this is attempted,
the device will not execute Auto Program but will enter Read Mode. If Auto
Program terminates normally, the device will automatically re-enter Read Mode. If
Auto Program terminates in error, the flash memory will be locked into that mode
and will not re-enter Read Mode. This status can be confirmed by inspecting the
Hardware Sequence flag.
To return to Read Mode, it is necessary to reset the flash memory or the device
using the Reset command or a hardware reset. In this case, because a write to the
protected block address generated an error, it is recommended that the block which
contains the bad address not be used or that the device itself not be used.
5) Auto Chip Erase
Auto Chip Erase operation starts after the sixth Bus Write cycle of the Command
cycle has ended. Once it has started, all flash memory addresses inside the chip are
automatically programmed to 0; this is followed by the execution of Erase and
Erase Verify. The status of an Auto Chip Erase operation can be checked by
monitoring the Hardware Sequence flags (see Table 4.4.5). During an Auto Chip
Erase operation, the device cannot accept any command sequences input. To stop
operation, use a hardware reset. Note that if operation is interrupted, data cannot
be erased correctly and hence the Auto Chip Erase must be re-executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com