Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 54Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 55Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 56Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 57Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 58Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 59Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 60Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 61Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
92FD54AI-58
2006-01-27
TMP92FD54AI
7) Auto Block Protect
Auto Block Protect allows individual blocks to be protected from being written or
erased. The table below shows the relationship between protection status and the
rewrite operation.
Table 4.4.2 Block protection status and the Rewrite operation
Protection Status and Operation Executed
Result of executed operation
Execute Program on protected block
Not programmed and automatically returns to Read Mode
Execute Erase on protected block
Not erased and automatically returns to Read Mode
Execute Chip Erase when all blocks are protected
Not erased and automatically returns to Read Mode
Execute Chip Erase when any blocks are protected
Only the unprotected blocks are erased. Upon completion,
the flash memory automatically returns to Read mode
Writing to the protect circuit is initiated by the address of the block to be protected
in the sixth Bus Write cycle of the command sequence, and set data to “70H”. (see
Figure 4.4.8)
During automatic operation no other command sequence input can be accepted. To stop
operation use a hardware reset.
When it erases Auto Block Protect, use Auto Chip Erase & Unprotect command.
(see Table 4.4.3) In this case it erases all Auto Block Protect and all blocks of the
flash memory.
8) Verify Block Protect
Verify Block Protect is used to check whether or not blocks are protected. Enter the
address of the block you want to check in the fourth Bus Read cycle of the
command sequence. At this time, specify an address where A3 = A6 = 0, A4 = 1, and
read the selected block in units of long words. If the block is protected, the data
returned will be 00000001H. Conversely, if the block is unprotected, the data
returned will be 00000000H.
To continue verifying the protection of other blocks, it is only necessary to
repeating the fourth Bus Read cycle so as to read out data from each block. Change
the block address as desired and read the data out in long words. To return to
Flash Memory Read or any other command input after the Verify Block Protect
has been completed, it is necessary to issue a Read/Reset command or a hardware
reset.
9) Hardware Sequence flags (see Table 4.4.6)
The status of automatic execution of operations on flash memory can be checked by
inspecting the Hardware Sequence flags. During automatic operation data can be
read out with the same timing as that of Read Mode. The flash memory
automatically returns to Read Mode after automatic operation has finished.
During automatic execution it is possible to monitor the operating status by
inspecting the Hardware Sequence flags. After automatic operation has finished,
the operating status can be confirmed by checking the read data to see that it
matches the cell data.
To inspect the Hardware Sequence flags during an Auto Program operation,
specify the same address as the one which has been set by the rewrite routine (in
which A0 = A1 = 0) at the same time as reading out the flag. Also, to inspect the
Hardware Sequence flags during an Auto Erase operation, specify an address in
which A0 = A1 = 0 at the same time as reading out the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com