Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 53Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 54Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 55Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 56Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 57Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 58Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 59Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 60Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
92FD54AI-57
2006-01-27
TMP92FD54AI
Protected blocks, if any, cannot be erased. If all blocks are protected, the device will
not execute Auto Chip Erase but will enter Read Mode.
In this case, the deletion operation other block of the following number of the
protected block will be excuted.
If Auto Chip Erase terminates normally, the device will automatically re-enter
Read Mode. If Auto Chip Erase terminates in error, the flash memory will be
locked in that mode and will not re-enter Read Mode. The status can be checked by
inspecting the Hardware Sequence flag.
To return to Read Mode, it is necessary to reset the flash memory or the device
using the Reset command or a hardware reset. In this case it will be impossible to
detect which block generated the error. Therefore, it is recommended that the bad
block be located using the Block Erase function and that henceforth use the bad
block not be used.
6) Auto Block Erase
An Auto Block Erase starts the Erase Hold time after the sixth Bus Write cycle of
the Command cycle has ended. Once it has started, all flash memory addresses in
the selected block are automatically programmed to 0; this is followed by the
execution of Erase and Erase Verify.
If any command sequence other than an Auto Block Erase is entered during the
Erase Hold time, the flash memory will be reset and will enter Read Mode. The
status of an Auto Block Erase operation can be checked by monitoring the
Hardware Sequence flags (see Table 4.4.6). During an Auto Block Erase operation,
the device cannot accept any command sequences input. To stop operation, use a
hardware reset. Note that in this case, data cannot be erased correctly, and hence
the Auto Block Erase must be re-executed.
Protected blocks, if any, cannot be erased. If all blocks are protected, the device
will not execute Auto Block Erase but will enter Read Mode. If Auto Block Erase
terminated in error, the flash memory will be locked in that mode and will not
re-enter Read Mode. The status can be checked by inspecting the Hardware
Sequence flag. To return to Read Mode, it is necessary to reset the flash memory or
the device using the Reset command or a hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com