Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 43Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 44Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 45Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 46Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 47Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 48Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 49Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 50Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
2006-01-27
92FD54AI-47
TMP92FD54AI
6) Determination of Serial Operation mode
When communicating in UART Mode, the controller should transmit the data value
86H as the first byte at the desired baud rate.
Figure 4.3.3 Data for determining the serial operation mode
The boot program disables reception of the serial operation method recognition data
(86H) received from the controller as the first byte after a Reset and finds the
durations of tAB, tAC and tAD shown in Figure 4.3.3 using the procedure shown in the
flowchart in Figure 4.3.4. As shown in the flowchart in Figure 4.3.4, when the CPU
detects a level change on the receive pin while monitoring the pin status, it latches the
current timer value. For this reason, the timer values for tAB, tAC and tAD are
somewhat erroneous. Also, if the baud rate is fast, the CPU may not be able to detect a
level change on the receive pin.
As shown in the flowchart in Figure 4.3.5, the serial operation mode is determined by
the relative magnitude of the durations tAB and tCD when the receive pin level is Low.
When tAB < tCD, the serial operation mode is found to be UART Mode and the boot
program determines from the duration of tAD whether or not the baud rate can be
automatically set. Since the timer values for tAB, tAC and tAD include some error, as
mentioned earlier, if the baud rate is fast and the operating frequency slow, the timer
values will not be long enough to enable the boot program to determine the serial
operation mode correctly as intended.
For example, it may be erroneously determined that the serial operation mode is not
UART Mode when in fact the controller intends to communicate in UART Mode. To
avoid this kind of problem, if the controller is trying to communicate in UART Mode,
a time-out time after transmission of the first byte of data should be set for the
controller; if the data 86H cannot be received normally from the device within the
time-out time, this can be used to determine that the device cannot communicate.
UART (86H)
tAB
Point A
Point B
Point C
Point D
bit 7
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
Start
Stop
tCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com