Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 50 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 50 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 46Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 47Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 48Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 49Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 50Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 51Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 52Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 53Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 54Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
2006-01-27
92FD54AI-50
TMP92FD54AI
7) The password
If the received operation command data is a RAM Transfer command (10H), the boot
program checks the password. First, after echoing back the received operation
command data (10H), the boot program checks the data (12 bytes) in the password area
(addresses 08FEF4H to 08FEFFH).
Next, the boot program checks the received data in bytes 5 to 16 (the password data)
against the corresponding data in the flash memory. The relationship between the
received data and the flash memory data which is compared with it is shown in Table
4.3.5. Unless all of 12 bytes of the data match, a Password error is assumed to have
occurred. In this case, the ACK response returned for the CHECKSUM value in the
17th byte will signify a Password error.
Table 4.3.12 Relationship between data received and data in flash memory
with which it is compared
Received Data
Flash Memory Data for Comparison
5th byte
Data at address 08FEF4H
6th byte
Data at address 08FEF5H
7th byte
Data at address 08FEF6H
8th byte
Data at address 08FEF7H
9th byte
Data at address 08FEF8H
10th byte
Data at address 08FEF9H
11th byte
Data at address 08FEFAH
12th byte
Data at address 08FEFBH
13th byte
Data at address 08FEFCH
14th byte
Data at address 08FEFDH
15th byte
Data at address 08FEFEH
16th byte
Data at address 08FEFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com