Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 12Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 13Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 14Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 15Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 16Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 17Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 18Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 19Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
2006-01-27
92FD54AI-16
TMP92FD54AI
4.3
On-Board Programming Mode (User-Boot and Single-Boot)
On-board Programming Mode allows flash memory to be rewritten while it is mounted
on the user’s target system board. There are two versions of this mode: Single Boot
Mode, which supports the Toshiba proprietary method of rewriting via serial I/O, and
User Boot Mode (in Single-Chip mode), which allows user-defined rewriting methods to
be defined in Single-Chip Mode.
4.3.1
User Boot Mode (in Single-Chip Mode)
User Boot Mode enables a user-defined flash memory rewrite routine to be used. This
mode is used when the data transfer bus which the user application flash memory
rewrite program uses is not serial. Rewriting is performed in Single-Chip Mode. For
this reason the operation mode within Single-Chip Mode must be changed, from
Normal Mode (the mode in which the user application program normally operates) to
User Boot Mode, in which mode the flash memory can be rewritten. This requires that
a condition-judging program be incorporated into the user application reset-processing
program.
Any mode-switching condition may be set using the device’s I/Os as long as it is
suitable for the user system. Also, the user’s exclusive flash memory rewrite routine,
for use in User Boot Mode, may be programmed into the user application in advance, so
that it can be used to rewrite the flash memory after the device has entered User Boot
Mode. Furthermore, since the processor cannot read data from the internal flash
memory during an erase/program operation, the rewrite routine must be stored
somewhere outside the flash memory so that it can be executed. While the on-chip
flash memory is being rewritten in User Boot mode, all interrupts including the
non-maskable interrupt must be disabled.
The pages which follow explain the procedure for rewriting the flash memory using two
example case studies. In one case the rewrite routine is put into the internal flash
memory (1-A); in the other the rewrite routine is transferred from an external source
(1-B). For details of how to program/erase the flash memory, refer to Section 4.4,
Programming/Erasing Flash Memory during on-Board Programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com