Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP92FD54AI Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 51Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 52Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 53Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 54Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 55Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 56Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 57Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 58Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
92FD54AI-55
2006-01-27
TMP92FD54AI
(3) Basic operation
Essentially the flash memory on the TMP92FD54AI has the following two modes of
operation:
•
Mode in which data is read from memory (Read Mode)
•
Mode in which memory data is automatically erased/rewritten (Auto
Operation Mode)
Auto Operation Mode can be entered from Read Mode by the execution of a command
sequence. In Auto Operation Mode no data can be read from the flash memory.
1) Read
To read data, set the flash memory to Read Mode. The flash memory is
automatically placed in Read Mode immediately after power-on, after the CPU is
reset or when auto operation is terminated normally. If auto operation is
terminated abnormally, or if you want to return to Read Mode from another mode,
either use the Read/Reset command (software reset) or a hardware reset. These
are described below.
2) Writing commands
The method used for controlling flash memory commands complies with JEDEC
standards for standard E2PROMs. To write to the Command Register, execute a
command sequence on the flash memory. When the flash memory has latched the
input address and data into the Command Register, the program will executes the
instruction (see Tables 4.4.3 and 4.4.4).
Except for the fourth Read cycle of a Read/Reset and for the fourth Write cycle of
an Auto Program,only DQ0 to DQ7 are used to enter commands. Commands can
therefore be entered in byte units.
If you want to cancel command entry in the middle of a command sequence, enter
the Reset command. On accepting the Reset command, the flash memory resets
the Command Register and enters Read Mode. Likewise, if an erroneous command
sequence is entered, the flash memory resets the Command Register and enters
Read Mode.
3) Reset
•
Read/Reset command (software reset)
When auto operation terminates abnormally, the flash memory does not
automatically re-enter Read Mode. In this case use the Read/Reset command
to return the flash memory to Read Mode. Likewise, to cancel command entry
in the middle of a command sequence, use the Read/Reset command to clear
the contents of the Command Register.
•
Hardware reset
As shown in Figure 4.4.2, the flash memory has a reset input of its own. This
input is connected to the CPU’s Reset signal. Hence, if the CPU is reset
because the device’s RESET input pin is pulled Low (VIL) or because the
Watchdog timer has overflowed, the current flash memory operation, whether
a read operation (write or erase), will stop and the device will either remain in,
or re-enter, Read Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com