Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D950-CORE Datasheet(PDF) 25 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 25 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 21Page - STMicroelectronics D950-CORE Datasheet HTML 22Page - STMicroelectronics D950-CORE Datasheet HTML 23Page - STMicroelectronics D950-CORE Datasheet HTML 24Page - STMicroelectronics D950-CORE Datasheet HTML 25Page - STMicroelectronics D950-CORE Datasheet HTML 26Page - STMicroelectronics D950-CORE Datasheet HTML 27Page - STMicroelectronics D950-CORE Datasheet HTML 28Page - STMicroelectronics D950-CORE Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
25/89
D950-Core
4.3
Program Control Unit (PCU)
4.3.1 Introduction
The D950-Core PCU includes the following components:
16-bit Program Counter (PC)
9 x 16-bit Loop registers (3 x LS, 3 x LE, 3 x LC)
Branch and Hardware Loops control logic including CCR and PORT condition
decoding
2 bits of STA register for interrupt control
2 bits of CCR for loop management
Reset, Hold and Low-Power operation control logic
Stack control logic for automatic PC save and restore in Subroutine Calls and
Interrupts. (The Stack is implemented in a user-defined dedicated X-RAM
area. The Stack pointer and its control logic are included in the ACU, see
Section 4.2.1.)
•PPort
Figure 4.11
D950-Core Program Control Unit
XRAM
STACK
SPX
16
CONTROL
IR
MUX
IA
ID
LS0:2
LE0:2
LC0:2
LS
YD
XD
16
16
RESET
+ 1
BRANCH / IT @
RTS / RTI @
LOOP
REGISTERS
TO OTHER UNITS
CCR COND. (13)
PORT COND. (8)
16
16
16-BIT
PC
STA
2
2
RESET
IT
LP
HOLD
VR02017J
8
P.PORT
PORT COND
8
P
8
P_EN
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com