Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D950-CORE Datasheet(PDF) 46 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 46 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 42Page - STMicroelectronics D950-CORE Datasheet HTML 43Page - STMicroelectronics D950-CORE Datasheet HTML 44Page - STMicroelectronics D950-CORE Datasheet HTML 45Page - STMicroelectronics D950-CORE Datasheet HTML 46Page - STMicroelectronics D950-CORE Datasheet HTML 47Page - STMicroelectronics D950-CORE Datasheet HTML 48Page - STMicroelectronics D950-CORE Datasheet HTML 49Page - STMicroelectronics D950-CORE Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
46/89
D950-Core
Two-word Operand (oper_2)
ABS
Absolute value
ASB
Arithmetical Shift with BSC
ASL
1-bit Arithmetic Shift Left
ASR
1-bit Arithmetic Shift Right
ASR16
16-bit Arithmetic Shift Right
CHKDIV
Check Validity of Division
CMP0
Compare to 0
COM
Logical Complement
DEC
Decrement Accumulator
DECH
Decrement 24 MSBs of Accumulator
DIVQ
One Step of Division
DIVS
First Step of Division
EDGE
Exponent value of a number
EQU
Equal
INC
Increment
INCH
Increment 24 MSBs of Accumulator
LSB
Logical Shift with BSC
LSL
1-bit Logical Shift Left
LSL16
16-bit Logical Shift Left
LSR
1-bit Logical Shift Right
LSR16
16-bit Logical Shift Right
MAX
Maximum value of determination
MIN
Minimum value of determination
NEG
Negation
ROB
Rotation with BSC (Left or Right)
ROL
1-bit Rotation Left
ROLTEST 1-bit Rotation Left with Test
ROL16
16-bit Rotation Left
RESQ
Restore Quotient
RESR
Restore Remainder
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com