Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D950-CORE Datasheet(PDF) 35 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 35 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 31Page - STMicroelectronics D950-CORE Datasheet HTML 32Page - STMicroelectronics D950-CORE Datasheet HTML 33Page - STMicroelectronics D950-CORE Datasheet HTML 34Page - STMicroelectronics D950-CORE Datasheet HTML 35Page - STMicroelectronics D950-CORE Datasheet HTML 36Page - STMicroelectronics D950-CORE Datasheet HTML 37Page - STMicroelectronics D950-CORE Datasheet HTML 38Page - STMicroelectronics D950-CORE Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
35/89
D950-Core
1: Modulo addressing mode is selected for AY0. AY0 is updated through the Y-
memory space modulo logic.
MX1: Modulo addressing mode for AX1
0: No modulo addressing mode for AX1 (def.)
1: Modulo addressing mode is selected for AX1. AX1 is updated through the X-
memory space modulo logic.
MX0: Modulo addressing mode for AX0
0: No modulo addressing mode for AX0 (def.)
1: Modulo addressing mode is selected for AX0. AX0 is updated through the X-
memory space modulo logic.
RND: Rounding type for ALU operation
0: Convergent rounding (def.)
1: Two’s complement rounding
ES:
Extended Saturation
0: The saturation is active when a 32-bit overflow occurs (if SAT=1)
1: The saturation is active when a 40-bit overflow occurs (if SAT=1) (def.)
SAT:
Saturation
0: ALU is not in saturated mode (def.)
1: ALU is in saturated mode
I:
Integer Product
0: Product is in fractional format (if signed * signed, one bit is shifted left before storing
the result into P register) (def.)
1: Product is in integer format (no shift and direct transfer into P register)
SR:
Right side operand type (only used for product calculation and division)
0: Right side operand is unsigned
1: Right side operand is signed (def.)
SL:
Left side multiplicand type (only used for product calculation)
0: Left side multiplicand is unsigned
1: Left side multiplicand is signed (def.)
LR:
Right side long data
0: Normal 16-bit data mode (def.)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com