Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D950-CORE Datasheet(PDF) 26 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 26 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 22Page - STMicroelectronics D950-CORE Datasheet HTML 23Page - STMicroelectronics D950-CORE Datasheet HTML 24Page - STMicroelectronics D950-CORE Datasheet HTML 25Page - STMicroelectronics D950-CORE Datasheet HTML 26Page - STMicroelectronics D950-CORE Datasheet HTML 27Page - STMicroelectronics D950-CORE Datasheet HTML 28Page - STMicroelectronics D950-CORE Datasheet HTML 29Page - STMicroelectronics D950-CORE Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
26/89
D950-Core
4.3.2 Registers
Data registers
LS0 / LS1 / LS2: 3 x 16-bit Loop Start address registers,
LE0 / LE1 / LE2: 3 x 16-bit Loop End address registers,
LC0 / LC1 / LC2: 3 x 16-bit Loop Count registers.
All these registers are addressed directly by the LSP instruction (see Section 4.3.5)
After reset, LSP = 0. (No hardware loop is selected).
Control registers
STA: Bits 14 and 15 are dedicated to PCU (see Section 4.5.1).
CCR: Bits 14 and 15 are dedicated to PCU (see Section 4.5.2).
4.3.3 Instruction pipeline
Instruction execution is performed in a 3-stage pipeline: fetch/decode/execute. While
instruction n is executed, instruction n+1 is decoded and instruction n+2 is fetched.
The instruction cycle period is twice the CLKIN period.
According to the number of words used, D950-Core instructions can be of two types
One word instruction: Inside this group, most D950-Core instructions are one
cycle instructions (all arithmetic and logic instructions except instructions
performing double precision multiplication and bit manipulations). Some
instructions are multiple cycle instructions. Instructions causing a program flow
change (JUMP, CALL, RTS, RTI, SWI, RESET, BREAK, CONTINUE) are
executed in two or three cycles.
Instructions with extension words: As one program memory word is fetched
at each cycle, if an instruction needs extension words, they are fetched during
the cycles following the first fetch.
4.3.4 Interrupt Sources
The D950-Core includes three interrupt sources. The following table orders the interrupt
sources from highest to lowest priority
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com