Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D950-CORE Datasheet(PDF) 56 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 56 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 52Page - STMicroelectronics D950-CORE Datasheet HTML 53Page - STMicroelectronics D950-CORE Datasheet HTML 54Page - STMicroelectronics D950-CORE Datasheet HTML 55Page - STMicroelectronics D950-CORE Datasheet HTML 56Page - STMicroelectronics D950-CORE Datasheet HTML 57Page - STMicroelectronics D950-CORE Datasheet HTML 58Page - STMicroelectronics D950-CORE Datasheet HTML 59Page - STMicroelectronics D950-CORE Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
56/89
D950-Core
6
ELECTRICAL SPECIFICATIONS
6.1
DC ABSOLUTE MAXIMUM RATINGS
6.2
DC ELECTRICAL CHARACTERISTICS (core level)
Junction temperature : -40°C to +125°C
Symbol
Parameter
Value
Unit
VDD
Power Supply Voltage
-0.3 / 3.9
V
VIN
Input Voltage
-0.3 / 3.9
V
Tj
Operating Junction Temperature Range
-40 / +125
°C
TSTG
Storage Temperature Range
-55 / +150
°C
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Power supply
2.7
3.3
3.6
V
VIL
Input low level
-0.3
V
VIH
Input high level
VDD + 0.3
V
VOL
Output low level
IOL = 0
0.2
V
VOH
Output high level
IOH = 0
VDD- 0.2
V
IDD
Operating current
0.6
mA/MIPS
ILP
Low Power current
0.1
mA/MHz
ISTOP
Stop current
10
µA
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com