Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D950-CORE Datasheet(PDF) 42 Page - STMicroelectronics

Part # D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Datasheet(HTML) 42 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 38Page - STMicroelectronics D950-CORE Datasheet HTML 39Page - STMicroelectronics D950-CORE Datasheet HTML 40Page - STMicroelectronics D950-CORE Datasheet HTML 41Page - STMicroelectronics D950-CORE Datasheet HTML 42Page - STMicroelectronics D950-CORE Datasheet HTML 43Page - STMicroelectronics D950-CORE Datasheet HTML 44Page - STMicroelectronics D950-CORE Datasheet HTML 45Page - STMicroelectronics D950-CORE Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
42/89
D950-Core
5.4
Instruction set
The D950-Core instruction set is divided into different groups, according to operation type.
Assignment
•ALU
Bit Manipulation
Program control
Loop control
Co-processor
Stack.
Inside this instruction set, following notations are used:
reg: D950-Core internal register
AX (resp. AY): address pointer for X (resp. Y) memory space
IX (resp. IY): index pointer for X (resp. Y) memory space
L: input left register of DCU (L1 16-MSBs / L0 16-LSBs)
R: input right register of DCU (R1 16-MSBs / R0 16 LSBs)
A: 40-bit accumulator (A0 or A1)
AiH: 16-MSB of the Ai accumulator
P: Product result of the multiplier
i,j,k,m,n,p,q,x,y: 0 or 1
r,: 0,1,2 or 3
xx: 0,1,2,3,4,5,6,7,8,9,10,11,12,13,14 or 15
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com