Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Blood Pressure Monitor Design Reference Manual, Rev. 0
Freescale Semiconductor
3-1
Chapter 3
Hardware Description
3.1
Introduction
The design for the BPM PCB was made with the intention of isolating the different blocks of the system
to avoid letting coupling noise into the lines of the instrumentation amplifier. The power is segmented
through the use of 0
Ω resistors for debugging. These resistors can be replaced by ferrite cores to suppress
EMI and noise coming from the different portions of the board. Ground distribution was implemented
using a star configuration.
Another feature of the board is the test socket which eases the change between the S08 and the ColdFire
device.
This section provides the technical descriptions for the Freescale BPM system, and for the Freescale
components used in the reference design. These Freescale components are:
•
Flexis MC9S08QE128 Microcontroller
•
Flexis MCF51QE128 Microcontroller
•
MPR083 Proximity Sensor
•
MR2A16A Asynchronous Magnetoresistive RAM
•
MC9S08JM60 Microcontroller
•
MC13202 ZigBee Transceiver
•
MPXV5050 Pressure Sensor
•
OSRAM Pictiva OLED Display OS128064PK27MY0B00
3.2
Operating Environment
•
Input voltage: 9 VDC
•
Input current: 800 mA minimum, 1 A maximum
•
Operating temperature: 0 to +65 °C
•
Operating humidity: 90% RH maximum for TA 40 °C
3.3
Flexis MC9S08QE128 and MCF51QE128 Microcontrollers
The Flexis QE128 microcontrollers are Freescale’s revolutionary 8-bit and 32-bit compatible devices.
They offer unprecedented compatibility, and have a common set of on-chip peripherals and development
tools. They maintain pin-to-pin compatibility, which enables a developer to create one common hardware
platform and use that platform for more than one product with different computing capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com