Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
Bill of Materials
Blood Pressure Monitor Design Reference Manual, Rev. 0
B-4
Freescale Semiconductor
1
R18
5.1 k
RC0805
Res 5.10 k
Ω 1/8 W 1% 0805
SMD
Res
1
R22
1.5 k
RC0805
Res 1.50 k
Ω 1/8 W 1% 0805
SMD
Res
2
R23, R24
33
Ω
RC0603
Res 33.0
Ω 1/10 W 1% 0603
SMD
Res
1
R25
56.2
Ω
RC0805
Res 56.2
Ω 1/8 W 1% 0805
SMD
Res
1
R26
5.0 k
pot3_3296y
Pot 5.0 k
Ω Thumbwheel
Ceramic ST
Res
1
R27
309.0
Ω
RC0805
Res 309
Ω 1/8 W 1% 0805
SMD
Res
1
R28
10 k
RC0805
Res 10.0 k
Ω 1/8 W 1% 0805
SMD
Res
1
R29
120
Ω
RC0805
Res 120
Ω 1/8 W 1% 0805
SMD
Res
1
R30
1.0
Ω
RC1210
Res Anti-Surge 1.0
Ω 5%
1210
Res
3
R31, R32, R43
4.7 k
RC0805
Res 4.70 k
Ω 1/8 W 1% 0805
SMD
Res
1
R34
100 k
RC0805
Res 100 k
Ω 1/8 W 1% 0805
SMD
Res
7
R36, R37, R38, R39,
R40, R44, R45
1.0 M
RC0603
Res 1.00 M
Ω 1/10 W 1%
0603 SMD
Res
1
R41, R42
0
Ω
RC0603
Res 0.0
Ω 1/10 W 5% 0603
SMD
Res
1
R46
909 k
RC0603
Res 909 k
Ω 1/10 W 1% 0603
SMD
Res
5
SW1, SW2, SW3,
SW4, SW5
Electrode
e_button
Electrode Square 1 cm
Bttn
1
U1
PPR081
qfn16_8mm
IC
1
U2
QFPSOCKET80_0.65MM
QFP80_PSOC_65MM_EN
P
Con 80 Skt Th 0.65 mm Sp
Au
Con
1
U2
MC9S08QE128CLK
qfp80_sq
IC MCU 8-Bit 3.3–5 V
LQFP80
IC
1
U2
MCF51QE128CLK
qfp80_sq
IC MCU 32-Bit 3.3–5 V
LQFP80
IC
1
U3
25 6k x 16-bit 3.3 V
tsop44_t2
IC Mem MRAM 256 K X 16
35 nS Async 3.3 V TSSOP44
IC
QTY
Reference
Designator
Value
Package
Description
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com