Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Embedded Software Description
Blood Pressure Monitor Design Reference Manual, Rev. 0
4-4
Freescale Semiconductor
4.4.3
MRAM Storage
The system uses MRAM to store data. To do this, the MCU dedicates eight complete ports for MRAM use.
The MRAM is part of the hardware independent layer and is used by the voice generator module to read
raw audio to reproduce. The MRAM is also used by the blood pressure monitor to store the last five
readings.
4.4.4
OLED Display
The OLED display driver was taken directly from application note AN3415. In this application note, all
the necessary steps are taken to enable, initialize, and use the OLED display.
The system uses an SPI port to send commands and data to the OLED display. The system also controls
the 12 V power source that powers up the display and can therefore save power by powering down the
OLED display. The main modification implemented to this driver was a 200 ms delay between each
display refresh. This delay was added using a counter incremented by the RTC interrupt. The main state
machine for the demo dictates which screen to display and which language to use.
4.4.5
USB Communication
USB communication is done using a HC9S08JM60 that acts as a bridge between the PC and the Flexis
microcontroller. The communication to the HC9S08JM60 is done through an SCI port. All data requests
are initiated by the PC and relayed by the HC9S08JM60. Whenever the Flexis device receives a new
request through an SCI interrupt, it checks to see if USB communication is enabled, and if so, it will return
the requested data back through the SCI.
The program implemented on the HCS08JM60 is a simple application: the MCU waits to receive data
through the USB or SCI ports, then places that data into the other bus.
4.4.6
Voice Generation
All voice commands are initiated by the OLED state machine, and are further updated through interrupts
when the sampling timer overflows. Voice generation is done using two TPM modules: one channel is used
to set the sample rate of the audio, and the other channel is used to create a PWM frequency. This PWM
frequency is then passed through the audio filter, where it becomes a fixed amplitude which is sent to the
speaker. The frequency is repeated over and over until a new sample is taken from an audio file, then this
new sample value is placed in the fast frequency. The timing for these signals appears like this:
The arrows indicate each time there is a sampling interrupt. At that moment, the system reads the audio
file to set the PWM frequency for the audio generation. This PWM frequency will remain in effect until
the next sampling interrupt. This process continues until the end of the audio file has been reached. At that
point, the system stops the PWM generation.
0x80
0x40
0xC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com