Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Embedded Software Description
Blood Pressure Monitor Design Reference Manual, Rev. 0
Freescale Semiconductor
4-3
Initially, the MPR083 is configured to work with interrupts, so the IRQ output of the sensor can wake the
MCU when needed (using a KBI pin). After the configuration has been written the state machine enters an
idle state, during which it checks for a KBI interrupt, generated by a touch event in the sensor.
After a touch is detected, the state machine starts reading the FIFO register in the MPR083. Because the
FIFO register can store up to 30 touch-event values, it is read until it empties, and the last value is the one
used. The value of the electrode pressed is stored in a global variable and another variable is used to know
if the key was pressed or released.
The fault register in the sensor is used to determine if one or more electrodes were shorted to VDD or VSS.
After a fault is asserted, the sensor electrodes will no longer be scanned until the fault is cleared.
That is why after reading the FIFO register, the program reads the fault register, checking for errors. If no
error is detected, the state machine enters the idle state again. Otherwise, if a fault is detected, the state
machine goes to an error-clearing state. This is the procedure used to clear the fault:
1. Stop the electrode scanning by writing the configuration register (stop mode).
2. Clear the fault condition by writing the fault register.
3. Start the electrode scanning again by writing the configuration register (run mode).
After these steps are done, the state machine enters the idle state again, checking for any other electrode
touch event.
Configure
Idle
ReadFIFO
ReadFaul
t
ClearError
FIFO is not
empty yet
FIFO is empty
KBI interrupt
detected
Fault detected
No fault
detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com