Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Hardware Description
Blood Pressure Monitor Design Reference Manual, Rev. 0
3-2
Freescale Semiconductor
Flexis QE128 features:
Up to 50 MHz CPU frequency from 3.6 V to 2.1 V, and 20 MHz CPU frequency at 2.1 V to 1.8 V,
across a temperature range of –40 °C to 85 °C
128 KB flash and 8 KB RAM
Peripheral clock enable register, to disable clocks to unused modules
Enhanced 24-channel, 12-bit analog-to-digital converter (ADC)
3.3.1
MC9S08QE128 Microcontroller
The MC9S08QE128 MCU is a highly integrated member of Freescale’s 8-bit family of microcontrollers
that is based on the high-performance, low-power consumption HCS08 core. The MC9S08QE128 MCU
includes a background debugging system and on-chip, in-circuit emulation (ICE) with real-time bus
capture, providing a single-wire debugging and emulation interface. It also features a programmable 16-bit
timer/pulse-width-modulation module that is one of the most flexible and cost-effective of its kind. The
compact, tightly integrated MC9S08QE128 MCU delivers a versatile combination of Freescale
peripherals along with the advanced features of the HCS08 core, including extended battery life with
maximum performance down to 1.8 V, industry-leading flash, and innovative development support.
MC9S08QE128 features:
Support for up to 32 interrupt/reset sources
New MMU allows access of up to 4 MB through paging
New linear address pointer to access all memory on the MCU
SET/CLR/TOGGLE registers on 16 pins (PTC and PTE)
3.3.2
MCF51QE128 Microcontroller
The MCF51QE128 microcontroller extends the low end of the ColdFire family with up to 128 KB flash
memory and a 24-channel, 12-bit analog-to-digital converter (ADC). The 32-bit QE128 includes up to
3.3 V supply voltage, a 50.33 MHz CPU core, and three timers for improved motor control.
MCF51QE128 features:
Implements ColdFire V1 instruction set revision C
Support for up to 30 peripheral interrupt requests and seven software interrupts
Single-wire background debug interface
16 bits of Rapid GPIO connected to the CPU’s high-speed local bus with set, clear, and toggle
functionality
3.4
MPR083 Proximity Sensor
The MPR083 is an IIC-driven capacitive touch sensor controller, optimized to manage an 8-position
rotary-shaped capacitive array. This device can accommodate a wide range of implementations through
three output mechanisms and many configurable options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com