Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Bill of Materials
Blood Pressure Monitor Design Reference Manual, Rev. 0
B-2
Freescale Semiconductor
1
C36
220 pF
CC0805
Cap Ceramic 220 pF 50 V
NP0 0805
Cap
1
C39
47
μF
CCE63X57
Cap 47
μF 16 V Elect MVE
SMD
Cap
1
C40
0.22
μF
CC0805
Cap Ceramic .22
μF 50 V
X7R 0805
Cap
3
C42, C43, C44
0.1
μF
CC0603
Cap 0.1
μ F 50 V Ceramic
Y5V 0603
Cap
2
C45, C47
8.0 pF
CC0603
Cap 8.0 pF 50 V Ceramic
0603 SMD
Cap
1
C46
1.0 pF
CC0402_25
Cap 1.0 pF 50 V Ceramic
0402 SMD
Cap
1
C48
10 pF
CC0402_25
Cap 10 pF 50 V Ceramic
0402 SMD
Cap
1
C53
470 pF
CC0603
Cap Ceramic 470 pF 50 V
X7R 10% 0603
Cap
1
DS1
OS128064PK27MY0B00
os12806_4_th
Display OLED 128 X 64
2.7 Inch Yellow
Oth
1
D1
MBR120LSFT1
SOD-123
Diode Schottky 40 V 1 A
SOD123
SC
1
D2
Yellow
LED_0603_C1
LED Amber SS Type Low Cur
SMD
SC
1
D3
MBR130LSFT1G
SOD-123
Diode Schottky 30 V 1 A
SOD123
SC
1
D4
Green
LED_0603_C1
LED Green SS Type Low Cur
SMD
SC
2
D5, D6
BAT54HT1
SOD323
Diode Switch SW 75 V
500 mA SOT323
SC
1
F1
MFU0805FF00500P100
fuse_2x1p4
Fuse 0.50 A 0805 VFast SMD
Oth
1
IC1
MC13202FC
qfn32_5x5
IC TXRX RF 2.4 GHz
32-QFN
IC
2
J1, J7
HDR_2X3
HDR203
Conn Header 6 Pos
0.100 Inch Str Gold
Con
4
J2, J3, J9, J10
HDR_1X2_M
HDR102
Conn Header 2 Pos
0.100 Inch Str Tin
Con
1
J4
SFV30R-1STE1LF
con_30_sm_ra
Conn FPC/FFC 30 Pos
.5 mm R/A SMD
Con
1
J5
CON PWR 2.1MM TH
PJ-202B
Conn Pwr Jack 2.1 X 5.5 mm
High Cur
Con
1
J6
USB_TYPE_B
CON_USB_RA
Conn USB Rt Ang Recpt
Type B
Con
QTY
Reference
Designator
Value
Package
Description
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com