Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Hardware Description
Blood Pressure Monitor Design Reference Manual, Rev. 0
Freescale Semiconductor
3-3
Freescale Semiconductor’s MPR083 proximity-capacitive touch sensor controller is designed to detect the
state of capacitive touch pads. The MPR083 offers designers a cost-efficient alternative to mechanical
rotary switches for control panel applications.
The MPR083 uses an IIC interface to communicate with the host which configures the operation, and an
interrupt to advise the host of status changes. The MPR083 also includes a piezo sounder drive which
provides audible feedback to simulate mechanical key clicks.
MPR083 features:
1.8 V to 3.6 V operation
150 µA average supply current
35 µA low power mode
Variable low power mode response time (10 ms–10 s)
3.5
MR2A16A Asynchronous Magnetoresistive RAM
The MR2A16A is a 4,194,304-bit magnetoresistive random access memory (MRAM) device organized as
262,144 words of 16 bits. The MR2A16A is equipped with chip enable (E), write enable (W), and output
enable (G) pins, allowing for significant system design flexibility without bus contention. Because the
MR2A16A has separate byte-enable controls (LB and UB), individual bytes can be written and read.
MRAM is a nonvolatile memory technology that protects data in the event of power loss and does not
require periodic refreshing. The MR2A16A is the ideal memory solution for applications that must
permanently store and retrieve critical data quickly.
MR2A16A features:
Single 3.3 V power supply
Commercial temperature range (0 °C to 70 °C)
Flexible data bus control — 8-bit or 16-bit access
Equal address and chip-enable access times
Automatic data protection with low-voltage inhibit circuitry to prevent writes on power loss
All inputs and outputs are transistor-transistor logic (TTL) compatible
Full nonvolatile operation with 10 years minimum data retention
3.6
MC9S08JM60 Microcontroller
The MC9S08JM60 series MCUs are members of the low-cost, high-performance HCS08 family of 8-bit
microcontroller units (MCUs). The JM family features a fully-compliant full-speed USB 2.0 device
peripheral, which enables users to connect to a PC or any other USB host.
MC9S08JM60 features:
48 MHz CPU frequency
2.7 V to 5.5 V operating voltage
60 KB of on-chip flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com