Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Hardware Description
Blood Pressure Monitor Design Reference Manual, Rev. 0
3-8
Freescale Semiconductor
Figure 3-4. Bottom Placement and Labeling
3.10.1.4
Labeling
All parts are outlined in the board, as well as the different supply and GND signals. Two LEDs indicate
the power status of the 3.3 V supply (digital, analog, and RF sections) and the 12 V supply (for the OLED
and the audio amplifier).
The figures in this chapter and Table 3-1 show the labeling of the supplies and the signals to which they
correspond:
Table 3-1. Signals
Name
Signal
3.3 V
General 3.3 V supply for the digital, RF, and analog blocks
3.3 V_D
Supply for the digital block (Flexis and JM60 MCUs)
3.3 V_Z
Supply for the RF block
3.3 V_A
3.3 V supply for the analog blocks (instrumentation amplifier and MPR083 device)
GND_D
Digital ground
GND_Z
RF ground
GND_A
Analog ground
GND_M
Motor block ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com