Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Hardware Description
Blood Pressure Monitor Design Reference Manual, Rev. 0
3-4
Freescale Semiconductor
•
4 KB of on-chip RAM
•
USB 2.0 Full Speed (12 Mbps) with dedicated on-chip 3.3 V regulator; supports control, interrupt,
isochronous, and bulk transfers; supports endpoint 0 and up to six additional endpoints; endpoints
5 and 6 can be combined to provide double buffering capability
3.7
MC13202 ZigBee Transceiver
The MC13202 is a short-range, low-power, 2.4 GHz industrial, scientific, and medical (ISM) band
transceiver. The MC13202 contains a complete packet data modem which is compliant with the IEEE
802.15.4 standard PHY (physical) layer. This allows the development of proprietary point-to-point and star
networks based on the 802.15.4 packet structure and modulation format.
Combined with an appropriate microcontroller (MCU), the MC13202 provides a cost-effective solution
for short-range data links and networks. Interface with the MCU is accomplished using a four-wire serial
peripheral interface (SPI) connection and an interrupt request output which allows for the use of a variety
of processors.
MC13202 features:
•
2.0 V to 3.4 V power supply range
•
Operating temperature range of –40 °C to 85 °C
•
Buffered transmit and receive data packets for simplified use with MCUs
•
Three power-down modes for power conservation
•
Two internal 16-bit timer comparators
•
Programmable frequency clock output for use by MCU
•
Seven general-purpose input/output (GPIO) signals
3.8
MPXV5050 Pressure Sensor
The MPX5050/MPXV5050G series piezoresistive transducer combines advanced micromachining
techniques, thin-film metallization, and bipolar processing to provide an accurate high-level analog output
signal that is proportional to the applied pressure.
MPXV5050 features:
•
2.5% maximum error over 0 °C to 85 °C
•
Ideally suited for microprocessor-based or microcontroller-based systems
•
Temperature compensated over –40 °C to +125 °C
•
Patented silicon shear stress strain gauge
3.9
OSRAM Pictiva OLED Display OS128064PK27MY0B00
OLED displays are a self-emissive technology that normally requires less power than LCD backlights.
These displays only consume power if a pixel is turned on. This feature makes OLED displays ideal for
battery-powered applications. The specific OLED being used in this application is a 128 x 64 pixel display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com