Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR083 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Blood Pressure Monitor Using the Flexis QE128 Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Bill of Materials
Blood Pressure Monitor Design Reference Manual, Rev. 0
Freescale Semiconductor
B-3
1
J8
MJ1-3510-SMT
con3_jack_5x15_sm
Conn Jack Mono 3 Pos
3.5 mm SMD
Con
1
J11
SMA
CON_SMA_8363
Conn Sma Jack Straight PCB
Con
1L1
6.0
μH
IND_CDRH6D28
Power Inductor 6.0
μH 2.25 A
SMD
Ind
3
L2, L3, L10
2.2
μH
ind_2016
Inductor 2.2
μH 20% 0806
SMD
Ind
2
L4, L5
HI1812V101R-10
IND_ISC_1812
Ferrite 8 A 125
Ω 1812 SMD
Ind
2
L6, L9
1.8 nH
ind_0402
Inductor Hi Freq 1.8 ±0.3 nH
0402
Ind
2
L7, L8
3.9 nH
IND_0402
Inductor Hi Freq 3.9 ±0.3 nH
Ind
2
Q1, Q2
MJD122T4
DPAK
Trans Darl NPN 100 V 5 A
DPAK
SC
1
Q3
MMBT2484L
SOT23
Trans GP SS NPN 30 V LN
SOT23
SC
1
Q4
BC857AL
SOT23
Trans GP SS PNP LN 50 V
SOT23
SC
3
R3, R4, R20
1 k
RC0805
Res 1.00 k
Ω 1/8 W 1% 0805
SMD
Res
1
R5
820.0 k
RC0805
Res 820 k
Ω 1/8 W 1% 0805
SMD
Res
1
R6
510
Ω
RC1206
Res 510
Ω 1/4 W 1% 1206
SMD
Res
1
R7
3.3 k
RC0805
Res 3.30 K
Ω 1/8 W 1% 0805
SMD
Res
1
R8
200 k
RC0805
Res 200 k
Ω 1/8 W 1% 0805
SMD
Res
2
R9, R19
150 k
RC0805
Res 150 k
Ω 1/8 W 1% 0805
SMD
Res
1
R10
18.0 k
RC0805
Res 18.0 k
Ω 1/8 W 1% 0805
SMD
Res
1
R11
330
Ω
RC0805
Res 330
Ω 1/8 W 1% 0805
SMD
Res
6
R12, R13, R14, R15,
R33, R35
0
Ω
RC0805
Res 0.0
Ω 1/8 W 5% 0805
SMD
Res
1
R16
24.0 k
RC0805
Res 24.0 k
Ω 1/8 W 1% 0805
SMD
Res
2
R17, R21
1.0 M
RC0805
Res 1.00 M
Ω 1/8 W 1% 0805
SMD
Res
QTY
Reference
Designator
Value
Package
Description
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com