Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343VRAGDB Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
48
Freescale Semiconductor
Package and Pin Listings
Figure 33 and Figure 34 represent the AC timings from Table 50. Note that although the specifications
generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge
is the active edge.
Figure 33 shows the SPI timings in slave mode (external clock).
Figure 33. SPI AC Timing in Slave Mode (External Clock) Diagram
Figure 34 shows the SPI timings in master mode (internal clock).
Figure 34. SPI AC Timing in Master Mode (Internal Clock) Diagram
18 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions. The MPC8343EA is available
in a plastic ball grid array (PBGA). See Section 18.1, “Package Parameters for the MPC8343EA PBGA,”
and Section 18.2, “Mechanical Dimensions for the MPC8343EA PBGA.”
18.1
Package Parameters for the MPC8343EA PBGA
The package parameters are as provided in the following list. The package type is 29 mm
× 29 mm,
620 plastic ball grid array (PBGA).
Package outline
29 mm
× 29 mm
Interconnects
620
Pitch
1.00 mm
Module height (maximum)
2.46 mm
SPICLK (Input)
tNEIXKH
tNEIVKH
tNEKHOX
Input Signals:
SPIMOSI
(See Note)
Output Signals:
SPIMISO
(See Note)
Note: The clock edge is selectable on SPI.
SPICLK (Output)
tNIIXKH
tNIKHOX
Input Signals:
SPIMISO
(See Note)
Output Signals:
SPIMOSI
(See Note)
Note: The clock edge is selectable on SPI.
tNIIVKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com